Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 66 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 66 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 62Page - Dialog Semiconductor SLG46110V Datasheet HTML 63Page - Dialog Semiconductor SLG46110V Datasheet HTML 64Page - Dialog Semiconductor SLG46110V Datasheet HTML 65Page - Dialog Semiconductor SLG46110V Datasheet HTML 66Page - Dialog Semiconductor SLG46110V Datasheet HTML 67Page - Dialog Semiconductor SLG46110V Datasheet HTML 68Page - Dialog Semiconductor SLG46110V Datasheet HTML 69Page - Dialog Semiconductor SLG46110V Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 82 page
background image
000-0046110-106
Page 65 of 81
SLG46110
16.0 Appendix A - SLG46110 Register Definition
Register Bit
Address
Signal Function
Register Bit Definition
reg <4:0>
Matrix Out: PIN3 Digital Output Source
reg <9:5>
Matrix Out: PIN4 Digital Output Source
reg <14:10>
Matrix Out: PIN6 Digital Output Source
reg <19:15>
Matrix Out: Output Enable of PIN6
reg <24:20>
Matrix Out: In0 of LUT2_0 or Clock Input of DFF0
reg <29:25>
Matrix Out: In1 of LUT2_0 or Data Input of DFF0
reg <34:30>
Matrix Out: In0 of LUT2_1 or Clock Input of DFF1
reg <39:35>
Matrix Out: In1 of LUT2_1 or Data Input of DFF1
reg <44:40>
Matrix Out: In0 of LUT2_2
reg <49:45>
Matrix Out: In1 of LUT2_2
reg <54:50>
Matrix Out: In0 of LUT2_3
reg <59:55>
Matrix Out: In1 of LUT2_3
reg <64:60>
Matrix Out: In0 of LUT3_0 or Clock Input of DFF2
reg <69:65>
Matrix Out: In1 of LUT3_0 or Data Input of DFF2
reg <74:70>
Matrix Out: In2 of LUT3_0 or Resetb Input of DFF2
reg <79:75>
Matrix Out: In0 of LUT3_1 or Clock Input of DFF3
reg <84:80>
Matrix Out: In1 of LUT3_1 or Data Input of DFF3
reg <89:85>
Matrix Out: In2 of LUT3_1 or Resetb(Setb) of DFF3
reg <94:90>
Matrix Out: In0 of LUT3_2
reg <99:95>
Matrix Out: In1 of LUT3_2
reg <104:100>
Matrix Out: In2 of LUT3_2
reg <109:105>
Matrix Out: In0 of LUT3_3
reg <114:110>
Matrix Out: In1 of LUT3_3
reg <119:115>
Matrix Out: In2 of LUT3_3
reg <124:120>
Matrix Out: In0 of LUT3_4 or Input of Pipe delay
reg <129:125>
Matrix Out: In1 of LUT3_4 or Resetb of Pipe delay
reg <134:130>
Matrix Out: In2 of LUT3_4 or Clock of Pipe delay
reg <139:135>
Matrix Out: In0 of LUT4_0 or Input for delay2 (Counter2)
external clock
reg <144:140>
Matrix Out: In1 of LUT4_0 or Input for delay2 data
(counter2 reset)
reg <149:145>
Matrix Out: In2 of LUT4_0
reg <154:150>
Matrix Out: In3 of LUT4_0
reg <159:155> Matrix Out: Input for delay0 data (counter0 reset)
reg <164:160>
Matrix Out: Input for delay1 data (counter1 reset)
reg <169:165>
Matrix Out: Input for delay0/1 (Counter0/1) external
clock
reg <174:170>
Matrix Out: Input for delay3 (Counter3) external clock
reg <179:175> Matrix Out: pdb(power down) for ACMP0
reg <184:180> Matrix Out: pdb(power down) for ACMP1
reg <189:185>
Matrix Out: Input for programmable delay (deglitch filter
input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com