Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 4Page - Dialog Semiconductor SLG46110V Datasheet HTML 5Page - Dialog Semiconductor SLG46110V Datasheet HTML 6Page - Dialog Semiconductor SLG46110V Datasheet HTML 7Page - Dialog Semiconductor SLG46110V Datasheet HTML 8Page - Dialog Semiconductor SLG46110V Datasheet HTML 9Page - Dialog Semiconductor SLG46110V Datasheet HTML 10Page - Dialog Semiconductor SLG46110V Datasheet HTML 11Page - Dialog Semiconductor SLG46110V Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
000-0046110-106
Page 7 of 81
SLG46110
5.3 Electrical Characteristics (3.3V ±10% VDD)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
IQ
Quiescent Current
Static Inputs and Outputs
(when ACMP, Vref and OSC are
powered down and non-operational)
--
0.75
--
A
TA
Operating Temperature
-40
25
85
°C
VPP
Programming Voltage
7.25
7.50
7.75
V
VAIR
Analog Input Voltage Range
Positive Input
0
--
VDD
V
Negative Input
0
--
1.2
V
VIH
HIGH-Level Input Voltage
Logic Input
1.780
--
VDD
V
Logic Input with Schmitt Trigger
2.130
--
VDD
V
Low-Level Logic Input
1.130
--
VDD
V
VIL
LOW-Level Input Voltage
Logic Input
--
--
1.210
V
Logic Input with Schmitt Trigger
--
--
0.950
V
Low-Level Logic Input
--
--
0.690
V
IIH
HIGH-Level Input Current
Logic Input Pins; VIN = 3.3 V
-1.0
--
1.0
A
IIL
LOW-Level Input Current
Logic Input Pins; VIN = 0 V
-1.0
--
1.0
A
VOH
HIGH-Level Output Voltage
Push-Pull 1X,Open Drain PMOS 1X,
IOH = 3 mA
2.710
3.090
--
V
Push-Pull 2X, Open Drain PMOS 2X,
IOH = 3 mA
2.870
3.190
--
V
VOL
LOW-Level Output Voltage
Push-Pull 1X,
IOL= 3 mA
--
0.180
0.280
V
Push-Pull 2X,
IOL= 3 mA
--
0.090
0.130
V
Open Drain NMOS 1X,
IOL= 3 mA
--
0.090
0.130
V
Open Drain NMOS 2X,
IOL= 3 mA
--
0.050
0.070
V
IOH
HIGH-Level Output Current
(see Note 1)
Push-Pull 1X, Open Drain PMOS 1X,
VOH = 2.4 V
5.830
10.180
--
mA
Push-Pull 2X, Open Drain PMOS 2X,
VOH = 2.4 V
11.264
19.660
--
mA
IOL
LOW-Level Output Current
(see Note 1)
Push-Pull 1X,
VOL = 0.4 V
4.060
6.440
--
mA
Push-Pull 2X,
VOL = 0.4 V
8.130
12.360
--
mA
Open Drain NMOS 1X,
VOL = 0.4 V
8.130
12.410
--
mA
Open Drain NMOS 2X,
VOL = 0.4 V
16.260
22.900
--
mA
IVDD
Maximum Average or DC
Current Through VDD Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
73
mA
TJ = 110°C
--
--
35
mA
IGND
Maximum Average or DC
Current Through GND Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
92
mA
TJ = 110°C
--
--
44
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com