Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 2Page - Dialog Semiconductor SLG46110V Datasheet HTML 3Page - Dialog Semiconductor SLG46110V Datasheet HTML 4Page - Dialog Semiconductor SLG46110V Datasheet HTML 5Page - Dialog Semiconductor SLG46110V Datasheet HTML 6Page - Dialog Semiconductor SLG46110V Datasheet HTML 7Page - Dialog Semiconductor SLG46110V Datasheet HTML 8Page - Dialog Semiconductor SLG46110V Datasheet HTML 9Page - Dialog Semiconductor SLG46110V Datasheet HTML 10Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
000-0046110-106
Page 5 of 81
SLG46110
5.0 Electrical Specifications
5.1 Absolute Maximum Conditions
5.2 Electrical Characteristics (1.8V ±5% VDD)
Parameter
Min.
Max.
Unit
Supply voltage on VDD relative to GND
-0.5
7
V
DC Input voltage
GND - 0.5
VDD + 0.5
V
Maximum Average or
DC Current
(Through pin)
Push-Pull 1x
--
12
mA
Push-Pull 2x
--
17
OD 1x
--
18
OD 2x
--
28
Current at Input Pin
-1.0
1.0
mA
Storage Temperature Range
-65
150
°C
Junction Temperature
--
150
°C
ESD Protection (Human Body Model)
2000
--
V
ESD Protection (Charged Device Model)
1000
--
V
Moisture Sensitivity Level
1
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1.71
1.80
1.89
V
IQ
Quiescent Current
Static Inputs and Outputs
(when ACMP, Vref and OSC are
powered down and non-operational)
--
0.5
--
A
TA
Operating Temperature
-40
25
85
°C
VPP
Programming Voltage
7.25
7.50
7.75
V
VAIR
Analog Input Voltage Range
Positive Input
0
--
VDD
V
Negative Input
0
--
1.1
V
VIH
HIGH-Level Input Voltage
Logic Input
1.100
--
VDD
V
Logic Input with Schmitt Trigger
1.270
--
VDD
V
Low-Level Logic Input
0.980
--
VDD
V
VIL
LOW-Level Input Voltage
Logic Input
--
--
0.690
V
Logic Input with Schmitt Trigger
--
--
0.440
V
Low-Level Logic Input
--
--
0.520
V
IIH
HIGH-Level Input Current
Logic Input Pins; VIN = 1.8 V
-1.0
--
1.0
A
IIL
LOW-Level Input Current
Logic Input Pins; VIN = 0 V
-1.0
--
1.0
A
VOH
HIGH-Level Output Voltage
Push-Pull 1X, Open Drain PMOS 1X,
IOH = 100 A
1.680
1.790
--
V
Push-Pull 2X, Open Drain PMOS 2X,
IOH = 100 A
1.702
1.800
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com