Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 26 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 26 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 22Page - Dialog Semiconductor SLG46110V Datasheet HTML 23Page - Dialog Semiconductor SLG46110V Datasheet HTML 24Page - Dialog Semiconductor SLG46110V Datasheet HTML 25Page - Dialog Semiconductor SLG46110V Datasheet HTML 26Page - Dialog Semiconductor SLG46110V Datasheet HTML 27Page - Dialog Semiconductor SLG46110V Datasheet HTML 28Page - Dialog Semiconductor SLG46110V Datasheet HTML 29Page - Dialog Semiconductor SLG46110V Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
000-0046110-106
Page 25 of 81
SLG46110
8.2 Matrix Output Table
Table 15. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Matrix Output
Number
reg <4:0>
Pin 3 digital out source
0
reg <9:5>
Pin 4 digital out source
1
reg <14:10>
Pin 6 digital out source
2
reg <19:15>
Pin 6 output enable
3
reg <24:20>
in0 of LUT2_0 (Clock Input of DFF0)
4
reg <29:25>
in1 of LUT2_0 (Data Input of DFF0)
5
reg <34:30>
in0 of LUT2_1 (Clock Input of DFF1)
6
reg <39:35>
in1 of LUT2_1 (Data Input of DFF1)
7
reg <44:40>
in0 of LUT2_2
8
reg <49:45>
in1 of LUT2_2
9
reg <54:50>
in0 of LUT2_3
10
reg <59:55>
in1 of LUT2_3
11
reg <64:60>
in0 of LUT3_0 (Clock Input of DFF2 with nReset/nSet)
12
reg <69:65>
in1 of LUT3_0 (Data input of DFF2 with nReset/nSet)
13
reg <74:70>
in2 of LUT3_0 (Resetb or Setb of DFF2 with nReset/nSet)
14
reg <79:75>
in0 of LUT3_1 (Clock Input of DFF3 with nReset/nSet)
15
reg <84:80>
in1 of LUT3_1 (Data input of DFF3 with nReset/nSet)
16
reg <89:85>
in2 of LUT3_1 (Resetb or Setb of DFF3 with nReset/nSet)
17
reg <94:90>
in0 of LUT3_2
18
reg <99:95>
in1 of LUT3_2
19
reg <104:100>
in2 of LUT3_2
20
reg <109:105>
in0 of LUT3_3
21
reg <114:110>
in1 of LUT3_3
22
reg <119:115>
in2 of LUT3_3
23
reg <124:120>
in0 of LUT3_4 (Input of pipe delay)
24
reg <129:125>
in1 of LUT3_4 (Resetb of pipe delay)
25
reg <134:130>
in2 of LUT3_4 (Clock of pipe delay)
26
reg <139:135>
in0 of LUT4_0 (Input for Delay2 ext. clock or Counter2 external Clock)
27
reg <144:140>
in1 of LUT4_0 (Input for delay2 or counter2 reset input)
28
reg <149:145>
in2 of LUT4_0
29
reg <154:150>
in3 of LUT4_0
30
reg <159:155>
Input for delay0 or counter0 reset input
31
reg <164:160>
Input for delay1 or counter1 reset input
32
reg <169:165>
Input for Delay0/1 ext. clock or Counter1 external Clock
33
reg <174:170>
Input for delay3 or counter3 reset input
34
reg <179:175>
pdb for ACMP0
35
reg <184:180>
pdb for ACMP1
36
reg <189:185>
Input for programmable delay(deglitch filter input)37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com