Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 61 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 61 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 57Page - Dialog Semiconductor SLG46110V Datasheet HTML 58Page - Dialog Semiconductor SLG46110V Datasheet HTML 59Page - Dialog Semiconductor SLG46110V Datasheet HTML 60Page - Dialog Semiconductor SLG46110V Datasheet HTML 61Page - Dialog Semiconductor SLG46110V Datasheet HTML 62Page - Dialog Semiconductor SLG46110V Datasheet HTML 63Page - Dialog Semiconductor SLG46110V Datasheet HTML 64Page - Dialog Semiconductor SLG46110V Datasheet HTML 65Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 82 page
background image
000-0046110-106
Page 60 of 81
SLG46110
14.0 RC Oscillator (RC OSC)
14.1 RC Oscillator Overview
The SLG46110 has two internal RC oscillators, one that runs at 25 kHz and one that runs at 2 MHz. When using the chip internal
RC OSC, a choice is available to “Force Power On”, meaning that the RC OSC will always run, or “Auto Power On”, meaning that
the RC OSC will have an associated startup and settling time associated with it (offset). Figure 40 and Figure 41 show maximum
power on delay vs. VDD.
Note: RC OSC power setting: "Auto Power On”.
Figure 40. Maximum Power On Delay vs. VDD, RC OSC = 2 MHz.
Figure 41. Maximum Power On Delay vs. VDD, RC OSC = 25 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com