Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 38 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 38 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 34Page - Dialog Semiconductor SLG46110V Datasheet HTML 35Page - Dialog Semiconductor SLG46110V Datasheet HTML 36Page - Dialog Semiconductor SLG46110V Datasheet HTML 37Page - Dialog Semiconductor SLG46110V Datasheet HTML 38Page - Dialog Semiconductor SLG46110V Datasheet HTML 39Page - Dialog Semiconductor SLG46110V Datasheet HTML 40Page - Dialog Semiconductor SLG46110V Datasheet HTML 41Page - Dialog Semiconductor SLG46110V Datasheet HTML 42Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 82 page
background image
000-0046110-106
Page 37 of 81
SLG46110
10.3.1 3-Bit LUT or Pipe Delay Macrocells Used as 3-Bit LUTs
Each Macrocell, when programmed for a LUT function, uses a 8-bit register to define their output function:
3-Bit LUT4 is defined by reg <281:274>
10.3.2 3-Bit LUT or Pipe Delay Macrocells Used as Pipe Delay Register Settings
Table 31. Pipe Delay Register Settings
Signal Function
Register Bit
Address
Register Definition
OUT0 select
reg <276:274>
data (pipe number)
OUT1 select
reg <279:277>
data (pipe number)
LUT3_4 or pipe de-
lay output select
reg <284>
0: LUT3_4
1: pipe delay
Table 30. 3-bit LUT4 Truth Table.
IN2
IN1
IN0
OUT
0
0
0
reg <274>
0
0
1
reg <275>
0
1
0
reg <276>
0
1
1
reg <277>
1
0
0
reg <278>
1
0
1
reg <279>
1
1
0
reg <280>
1
1
1
reg <281>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com