Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 20 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 20 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 16Page - Dialog Semiconductor SLG46110V Datasheet HTML 17Page - Dialog Semiconductor SLG46110V Datasheet HTML 18Page - Dialog Semiconductor SLG46110V Datasheet HTML 19Page - Dialog Semiconductor SLG46110V Datasheet HTML 20Page - Dialog Semiconductor SLG46110V Datasheet HTML 21Page - Dialog Semiconductor SLG46110V Datasheet HTML 22Page - Dialog Semiconductor SLG46110V Datasheet HTML 23Page - Dialog Semiconductor SLG46110V Datasheet HTML 24Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
000-0046110-106
Page 19 of 81
SLG46110
7.4.7 PIN 10 Register Settings
7.4.8 PIN 12 Register Settings
Table 12. PIN 10 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 10 Mode
Control
(sig_PIN10_oe =0)
reg <419:418>
00: Digital Input without Schmitt trigger
01: Digital Input with Schmitt trigger
10: Low Voltage Digital Input
11: Analog Input / Output
PIN 10 Mode
Control
(sig_PIN10_oe =1)
reg <419:418>
00: Push Pull 1X
01: Push Pull 2X
10: Open Drain NMOS 1X
11: Open Drain NMOS 2X
PIN 10 Pull
Up/Down Resistor
Value Selection
reg <423:422>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 10 Pull
Up/Down Resistor
Selection
reg <424>
0: Pull Down Resistor
1: Pull Up Resistor
Table 13. PIN 12 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 12 Mode
Control
reg <427:425>
000: Digital Input without Schmitt trigger
001: Digital Input with Schmitt trigger
010: Low voltage digital input
011: Analog Input
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input & Open Drain NMOS
PIN 12 Pull
Up/Down Resistor
Value Selection
reg <429:428>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 12 Pull
Up/Down Resistor
Selection
reg <430>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 12 Driver
Strength Selection
reg <431>
0: 1X
1: 2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com