Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 33Page - Dialog Semiconductor SLG46110V Datasheet HTML 34Page - Dialog Semiconductor SLG46110V Datasheet HTML 35Page - Dialog Semiconductor SLG46110V Datasheet HTML 36Page - Dialog Semiconductor SLG46110V Datasheet HTML 37Page - Dialog Semiconductor SLG46110V Datasheet HTML 38Page - Dialog Semiconductor SLG46110V Datasheet HTML 39Page - Dialog Semiconductor SLG46110V Datasheet HTML 40Page - Dialog Semiconductor SLG46110V Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
000-0046110-106
Page 36 of 81
SLG46110
10.3 3-Bit LUT or Pipe Delay Macrocell
There is one macrocell that can serve as either a 3-bit LUT or as a Pipe Delay.
When used to implement LUT functions, the 3-bit LUT take in three input signals from the connection matrix and produces a single
output, which goes back into the connection matrix.
When used as an 8-stage pipe delay, there are three inputs signals from the matrix, Input (IN), Clock (CK) and Reset (nReset).
The pipe delay cell is built from D Flip-Flop logic cells that provide the three delay options, two of which are user selectable. The
DFF cells are tied in series where the output (Q) of each delay cell goes to the next DFF cell. The two outputs (OUT0 and OUT1)
provide user selectable options for 1 to 8 stages of delay There are delay output points for each set of the OUT0 and OUT1 outputs
to a 3-input mux that is controlled by reg <666:663> for OUT0 and reg <670:667> for OUT1. The 3-input mux is used to control
the selection of the amount of delay.
The overall time of the delay is based on the clock used in the SLG46110 design. Each DFF cell has a time delay of the inverse
of the clock time (either external clock or the RC Oscillator within the SLG46110). The sum of the number of DFF cells used will
be the total time delay of the Pipe Delay logic cell.
Figure 13. 3-bit LUT4 or Pipe Delay
3-bit LUT4 OUT
IN1
IN0
reg <281:274>
From Connection
Matrix Output <24>
From Connection
Matrix Output <25>
IN2
From Connection
Matrix Output <26>
8 Flip-Flops
IN
nReset
CK
From Connection
Matrix Output <25>
From Connection
Matrix Output <24>
From Connection
Matrix Output <26>
reg <276:274>
reg <279:277>
To Connection
Matrix Input<14>
OUT1
OUT0
reg <432>
1
0
To Connection
Matrix Input<13>
reg <284>
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com