Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 70 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 70 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 66Page - Dialog Semiconductor SLG46110V Datasheet HTML 67Page - Dialog Semiconductor SLG46110V Datasheet HTML 68Page - Dialog Semiconductor SLG46110V Datasheet HTML 69Page - Dialog Semiconductor SLG46110V Datasheet HTML 70Page - Dialog Semiconductor SLG46110V Datasheet HTML 71Page - Dialog Semiconductor SLG46110V Datasheet HTML 72Page - Dialog Semiconductor SLG46110V Datasheet HTML 73Page - Dialog Semiconductor SLG46110V Datasheet HTML 74Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
000-0046110-106
Page 69 of 81
SLG46110
Counter/Delay 1
reg <341:328>
reg <328> Counter/delay1 mode selection
0: Delay Mode
1: Counter Mode
reg <331:329> Counter/delay1 Clock Source select
(external clock is only for counter mode)
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock
111: Counter0 Overflow
reg <339:332> Counter1 Control Data/Delay1 Time
Control
1-256: (delay time = (counter control data +2) /freq)
reg <341:340> Delay1 Mode Select or asynchronous
counter reset
00: Delay on both falling and rising edges(for delay
& counter reset)
01: Delay on falling edge only (for delay & counter
reset)
10: Delay on rising edge only (for delay & counter
reset)
11: No delay on either falling or rising edges / high
level reset for counter mode
Counter/Delay 3
reg <355:342>
reg <342> Counter/delay3 mode selection
0: Delay Mode
1: Counter Mode
reg <345:343> Counter/delay3 Clock Source select
(external clock is only for counter mode)
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock
111: Counter2 Overflow
reg <353:346> Counter3 Control Data/Delay4 Time
Control
1-256: (delay time = (counter control data +2) /freq)
reg <355:354> Delay3 Mode Select
00: Delay on both falling and rising edges
01: Delay on falling edge only
10: Delay on rising edge only
11: No delay on either falling or rising edges
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com