Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 29Page - Dialog Semiconductor SLG46110V Datasheet HTML 30Page - Dialog Semiconductor SLG46110V Datasheet HTML 31Page - Dialog Semiconductor SLG46110V Datasheet HTML 32Page - Dialog Semiconductor SLG46110V Datasheet HTML 33Page - Dialog Semiconductor SLG46110V Datasheet HTML 34Page - Dialog Semiconductor SLG46110V Datasheet HTML 35Page - Dialog Semiconductor SLG46110V Datasheet HTML 36Page - Dialog Semiconductor SLG46110V Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
000-0046110-106
Page 32 of 81
SLG46110
10.1.1 2-Bit LUT or D Flip Flop Macrocells Used as 2-Bit LUTs
Each Macrocell, when programmed for a LUT function, uses a 4-bit register to define their output function:
2-Bit LUT0 is defined by reg <227:224>
2-Bit LUT1 is defined by reg <231:228>
10.1.2 2-Bit LUT or D Flip Flop Macrocells Used as D Flip Flop Register Settings
Table 24. DFF0 Register Settings
Signal Function
Register Bit
Address
Register Definition
DFF0 or Latch
select
reg <224>
0: DFF function
1: Latch function
DFF0 output select
reg <225>
0: Q output
1: nQ output
DFF0 initial polarity
select
reg <226>
0: Low
1: High
LUT2_0 data
reg <235:232>
LUT2_0 data
LUT2_0 or DFF0
select
reg <240>
0: LUT2_0
1: DFF0
Table 25. DFF1Register Settings
Signal Function
Register Bit
Address
Register Definition
DFF1 or Latch
select
reg <228>
0: DFF function
1: Latch function
DFF1 output select
reg <229>
0: Q output
1: nQ output
DFF1 initial polarity
select
reg <230>
0: Low
1: High
LUT2_1 data
reg <239:236>
LUT2_1 data
LUT2_1 or DFF1
select
reg <241>
0: LUT2_1
1: DFF1
Table 22. 2-bit LUT0 Truth Table.
IN1
IN0
OUT
0
0
reg <224>
0
1
reg <225>
1
0
reg <226>
1
1
reg <227>
Table 23. 2-bit LUT1 Truth Table.
IN1
IN0
OUT
0
0
reg <228>
0
1
reg <229>
1
0
reg <230>
1
1
reg <231>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com