Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 3Page - Dialog Semiconductor SLG46110V Datasheet HTML 4Page - Dialog Semiconductor SLG46110V Datasheet HTML 5Page - Dialog Semiconductor SLG46110V Datasheet HTML 6Page - Dialog Semiconductor SLG46110V Datasheet HTML 7Page - Dialog Semiconductor SLG46110V Datasheet HTML 8Page - Dialog Semiconductor SLG46110V Datasheet HTML 9Page - Dialog Semiconductor SLG46110V Datasheet HTML 10Page - Dialog Semiconductor SLG46110V Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
000-0046110-106
Page 6 of 81
SLG46110
VOL
LOW-Level Output Voltage
Push-Pull 1X,
IOL= 100 A
--
0.020
0.030
V
Push-Pull 2X,
IOL= 100 A
--
0.010
0.020
V
Open Drain NMOS 1X,
IOL= 100 A
--
0.010
0.020
V
Open Drain NMOS 2X,
IOL= 100 A
--
0.010
0.010
V
IOH
HIGH-Level Output Current
(see Note 1)
Push-Pull 1X, Open Drain PMOS 1X,
VOH = VDD - 0.2
1.040
1.400
--
mA
Push-Pull 2X, Open Drain PMOS 2X,
VOH = VDD - 0.2
2.150
2.710
--
mA
IOL
LOW-Level Output Current
(see Note 1)
Push-Pull 1X,
VOL = 0.15 V
0.760
1.340
--
mA
Push-Pull 2X,
VOL = 0.15 V
1.520
2.660
--
mA
Open Drain NMOS 1X,
VOL = 0.15 V
1.530
2.670
--
mA
Open Drain NMOS 2X,
VOL = 0.15 V
3.060
5.130
--
mA
IVDD
Maximum Average or DC
Current Through VDD Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
73
mA
TJ = 110°C
--
--
35
mA
IGND
Maximum Average or DC
Current Through GND Pin
(Per chip side, see Note 2)
TJ = 85°C
--
--
92
mA
TJ = 110°C
--
--
44
mA
TSU
Startup Time
from VDD rising past 1.35 V
--
0.27
--
ms
PONTHR
Power On Threshold
VDD Level Required to Start Up the Chip
1.182
1.346
1.505
V
POFFTHR Power Off Threshold
VDD Level Required to Switch Off the
Chip
0.752
0.918
1.110
V
Note 1: DC or average current through any pin should not exceed value given in Absolute Maximum Conditions.
Note 2: The GreenPAK’s power rails are divided in two sides. Pins 2, 3, 4 and 6 are connected to one side, pins 8, 9, 10 and
12 to another.
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com