Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 10Page - Dialog Semiconductor SLG46110V Datasheet HTML 11Page - Dialog Semiconductor SLG46110V Datasheet HTML 12Page - Dialog Semiconductor SLG46110V Datasheet HTML 13Page - Dialog Semiconductor SLG46110V Datasheet HTML 14Page - Dialog Semiconductor SLG46110V Datasheet HTML 15Page - Dialog Semiconductor SLG46110V Datasheet HTML 16Page - Dialog Semiconductor SLG46110V Datasheet HTML 17Page - Dialog Semiconductor SLG46110V Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
000-0046110-106
Page 13 of 81
SLG46110
6.0 Summary of Macrocell Function
6.1 I/O Pins
•
Digital Input (low voltage or normal voltage, with or without Schmitt Trigger)
•
Open Drain Outputs
•
Push Pull Outputs
•
Analog I/O
•
10 k
/100 k/1 Mpull-up/pull-down resistors
6.2 Connection Matrix
•
Digital matrix for circuit connections based on user design
6.3 Analog Comparators (2 total)
•
Selectable hysteresis 0 mV/25 mV/50 mV/200 mV
6.4 Voltage Reference
•
Used for references on Analog Comparators
•
Can also be driven to external pin (Pin 10)
6.5 Combinational Logic Look Up Tables (LUTs – 4 total)
•
Two 2-bit Lookup Tables
•
Two 3-bit Lookup Tables
6.6 Combination Function Macrocells (7 total)
•
Two Selectable DFF/Latch or 2-bit LUTs
•
Two Selectable DFF/Latch or 3-bit LUTs
•
One Selectable Pipe Delay or 3-bit LUT
•
One Selectable CNT/DLY or 4-bit LUT
•
One Programmable Delay or Deglitch Filter
6.7 Delays/Counters (3 total)
•
Three 8-bit delays/counters with external clock/reset: Range 1-255 clock cycles
6.8 Pipe Delay (Part of Combination Function Macrocell)
•
8 stage / 2 output
•
Two 1-8 stage selectable outputs.
6.9 Programmable Delay
•
125 ns/250 ns/375 ns/500 ns @ 3.3 V
•
Includes Edge Detection function
6.10 Additional Logic Functions (Part of Combination Function Macrocell)
•
One Deglitch filter macrocell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com