Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 64Page - Dialog Semiconductor SLG46110V Datasheet HTML 65Page - Dialog Semiconductor SLG46110V Datasheet HTML 66Page - Dialog Semiconductor SLG46110V Datasheet HTML 67Page - Dialog Semiconductor SLG46110V Datasheet HTML 68Page - Dialog Semiconductor SLG46110V Datasheet HTML 69Page - Dialog Semiconductor SLG46110V Datasheet HTML 70Page - Dialog Semiconductor SLG46110V Datasheet HTML 71Page - Dialog Semiconductor SLG46110V Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
000-0046110-106
Page 67 of 81
SLG46110
LUT3_1 or DFF3/Latch
reg <257:250>
reg <250> DFF3 or Latch select
0: DFF function
1: Latch function
reg <251> DFF3 output select 0: Q output 1: nQ output 0: Q output
1: nQ output
reg <252> DFF3 rstb/setb select
0: resetb from matrix output
1: setb from matrix output
reg <253> DFF3 initial polarity select
0: Low
1: High
reg <257:254> Unused if DFF/Latch selected
Unused
LUT3_2 data
reg <265:258>
LUT3_2 data
LUT3_2 data
LUT3_3 data
reg <273:266>
LUT3_3 data
LUT3_3 data
LUT3_4 or pipe number select
reg <281:274>
reg <276:274>: OUT0 select
data (pipe number)
reg <279:277>: OUT1 select
data (pipe number)
reg <281:280>: Unused if Pipe Delay selected
Unused
LUT3/DFF Select
reg <282>
LUT3_0 or DFF2 select
0: LUT3_0
1: DFF2
reg <283>
LUT3_1 or DFF3 select
0: LUT3_1
1: DFF3
reg <284>
LUT3_4 or pipe delay output select
0: lut3_4
1: pipe delay
LUT4_0 or Counter/delay2 mode selection
reg <300:285>
reg <285> Counter/delay2 mode selection
0: Delay Mode
1: Counter Mode
reg <288:286> Counter/delay2 Clock Source select
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: External Clock
111: Counter1 Overflow
reg <296:289> Counter/delay2 Control Data
1 – 256 (delay time = (counter control data +2) /freq)
reg <298:297> Delay2 Mode Select or asynchronous
counter reset
00: Delayon both falling and rising edges(for delay &
counter reset)
01: Delayon falling edge only (for delay & counter
reseDelayt)
10: on rising edge only (for delay & counter reset)
11: No delay on either falling or rising edges / high
level reset for counter mode
reg <300:299> Unused is Counter/Delay2 selected
Unused
reg <301>
LUT4_0 or Counter2 select 0: LUT4_0, 1: Counter2
0: LUT4_0
1: Counter2
reg <302>
Force RC oscillator on
0: Auto Power on
1: Force Power on
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com