Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 29 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 29 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 25Page - Dialog Semiconductor SLG46110V Datasheet HTML 26Page - Dialog Semiconductor SLG46110V Datasheet HTML 27Page - Dialog Semiconductor SLG46110V Datasheet HTML 28Page - Dialog Semiconductor SLG46110V Datasheet HTML 29Page - Dialog Semiconductor SLG46110V Datasheet HTML 30Page - Dialog Semiconductor SLG46110V Datasheet HTML 31Page - Dialog Semiconductor SLG46110V Datasheet HTML 32Page - Dialog Semiconductor SLG46110V Datasheet HTML 33Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
000-0046110-106
Page 28 of 81
SLG46110
9.2 3-Bit LUT
The two 3-bit LUTs each take in three input signals from the connection matrix and produce a single output, which goes back into
the connection matrix.
Each 3-bit LUT uses a 8-bit register signal to define their output functions;
3-Bit LUT2 is defined by reg <265:258>
3-Bit LUT3 is defined by reg <273:266>
Figure 8. 3-bit LUTs
3-bit LUT2 OUT
IN1
IN0
reg <265:258>
From Connection
Matrix Output <18>
From Connection
Matrix Output <19>
To Connection
Matrix Input <11>
3-bit LUT3 OUT
IN1
IN0
reg <273:266>
From Connection
Matrix Output <21>
From Connection
Matrix Output <22>
To Connection
Matrix Input <12>
IN2
From Connection
Matrix Output <20>
IN2
From Connection
Matrix Output <23>
Table 19. 3-bit LUT2 Truth Table.
IN2
IN1
IN0
OUT
0
0
0
reg <258>
0
0
1
reg <259>
0
1
0
reg <260>
0
1
1
reg <261>
1
0
0
reg <262>
1
0
1
reg <263>
1
1
0
reg <264>
1
1
1
reg <265>
Table 20. 3-bit LUT3 Truth Table.
IN2
IN1
IN0
OUT
0
0
0
reg <266>
0
0
1
reg <267>
0
1
0
reg <268>
0
1
1
reg <269>
1
0
0
reg <270>
1
0
1
reg <271>
1
1
0
reg <272>
1
1
1
reg <273>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com