Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 79 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 79 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 74Page - Dialog Semiconductor SLG46110V Datasheet HTML 75Page - Dialog Semiconductor SLG46110V Datasheet HTML 76Page - Dialog Semiconductor SLG46110V Datasheet HTML 77Page - Dialog Semiconductor SLG46110V Datasheet HTML 78Page - Dialog Semiconductor SLG46110V Datasheet HTML 79Page - Dialog Semiconductor SLG46110V Datasheet HTML 80Page - Dialog Semiconductor SLG46110V Datasheet HTML 81Page - Dialog Semiconductor SLG46110V Datasheet HTML 82Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 79 / 82 page
background image
000-0046110-106
Page 78 of 81
SLG46110
19.0 Tape and Reel Specifications
19.1 Carrier Tape Drawing and Dimensions
Package
Type
# of
Pins
Nominal
Package Size
[mm]
Max Units
Reel &
Hub Size
[mm]
Leader (min)
Trailer (min)
Tape
Width
[mm]
Part
Pitch
[mm]
per Reel per Box
Pockets
Length
[mm]
Pockets
Length
[mm]
STQFN
12L FC
0.4P
Green
12
1.6x1.6x0.55
3000
3000
178/60
100
400
100
400
8
4
Package
Type
PocketBTM
Length
[mm]
PocketBTM
Width
[mm]
Pocket
Depth
[mm]
Index Hole
Pitch
[mm]
Pocket
Pitch
[mm]
Index Hole
Diameter
[mm]
Index Hole
to Tape
Edge
[mm]
Index Hole
to Pocket
Center
[mm]
Tape Width
[mm]
A0
B0
K0
P0
P1
D0
E
F
W
STQFN 12L
FC 0.4P
Green
1.9
1.9
0.8
4
4
1.5
1.75
3.5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com