Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 59 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 59 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 55Page - Dialog Semiconductor SLG46110V Datasheet HTML 56Page - Dialog Semiconductor SLG46110V Datasheet HTML 57Page - Dialog Semiconductor SLG46110V Datasheet HTML 58Page - Dialog Semiconductor SLG46110V Datasheet HTML 59Page - Dialog Semiconductor SLG46110V Datasheet HTML 60Page - Dialog Semiconductor SLG46110V Datasheet HTML 61Page - Dialog Semiconductor SLG46110V Datasheet HTML 62Page - Dialog Semiconductor SLG46110V Datasheet HTML 63Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
000-0046110-106
Page 58 of 81
SLG46110
13.0 Voltage Reference (VREF)
13.1 Voltage Reference Overview
The SLG46110 has a Voltage Reference Macrocell to provide references to the two analog comparators. This macrocell can
supply a user selection of fixed voltage references, /3 and /4 reference off of the VDD power supply to the device, and externally
supplied voltage references from pin 4. The macrocell also has the option to output reference voltages on pin 10. See table below
for the available selections for each analog comparator. Also see Figure 39 below, which shows the reference output structure.
13.2 VREF Selection Table
Table 44. VREF Selection Table.
SEL<4:0>
CMP0_VREF
CMP1_VREF
11010
ext. Vref (PIN4)
ext. Vref (PIN4)
11001
VDD / 4
VDD / 4
11000
VDD / 3
VDD / 3
10111
1.20 V
1.20 V
10110
1.15 V
1.15 V
10101
1.10 V
1.10 V
10100
1.05 V
1.05 V
10011
1.00 V
1.00 V
10010
0.95 V
0.95 V
10001
0.90 V
0.90 V
10000
0.85 V
0.85 V
01111
0.80 V
0.80 V
01110
0.75 V
0.75 V
01101
0.70 V
0.70 V
01100
0.65 V
0.65 V
01011
0.60 V
0.60 V
01010
0.55 V
0.55 V
01001
0.50 V
0.50 V
01000
0.45 V
0.45 V
00111
0.40 V
0.40 V
00110
0.35 V
0.35 V
00101
0.30 V
0.30 V
00100
0.25 V
0.25 V
00011
0.20 V
0.20 V
00010
0.15 V
0.15 V
00001
0.10 V
0.10 V
00000
0.05 V
0.05 V
VDD
Practial VREF Range
Note
2.0 V - 5.5 V
50 mV ~1.2 V
1.7 V - 2.0V
50 mV ~1.1 V
Higher than 1.1 V negative input, the comparator may show wrong result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com