Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 7Page - Dialog Semiconductor SLG46110V Datasheet HTML 8Page - Dialog Semiconductor SLG46110V Datasheet HTML 9Page - Dialog Semiconductor SLG46110V Datasheet HTML 10Page - Dialog Semiconductor SLG46110V Datasheet HTML 11Page - Dialog Semiconductor SLG46110V Datasheet HTML 12Page - Dialog Semiconductor SLG46110V Datasheet HTML 13Page - Dialog Semiconductor SLG46110V Datasheet HTML 14Page - Dialog Semiconductor SLG46110V Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
000-0046110-106
Page 10 of 81
SLG46110
5.5 IDD Estimator
5.6 Timing Estimator
Table 1. Typical Current estimated for each macrocell.
Symbol
Parameter
Note
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
I
Current
Chip Quiescent
0.5
0.8
1.0
A
Vref
56.9
56.9
63.3
A
Vref Buffer (each)
2.7
13.0
13.7
A
OSC 25 kHz, predivide = 1
3.1
4.8
6.4
A
OSC 25 kHz, predivide = 8
3.0
4.5
6.0
A
OSC 2 MHz, predivide = 1
27.4
45.4
67.4
A
OSC 2 MHz, predivide = 8
17.5
23.7
29.5
A
1st ACMP used (includes Vref)
60.6
62.0
68.4
A
Each additional ACMP add
3.7
4.9
5.1
A
Table 2. Typical Delay estimated for each macrocell.
Symbol Parameter
Note
VDD = 1.8 V
VDD = 3.3V
VDD = 5.0V
Unit
rising falling rising falling rising falling
tpd
Delay
Digital Input without Schmitt Trigger -
Push Pull
35.3
34.4
14.5
14.3
10.3
10.5
ns
tpd
Delay
Digital Input with Schmitt Trigger - Push
Pull
34.8
32.9
14.2
13.8
10.0
10.1
ns
tpd
Delay
Low Voltage Digital input - Push Pull
37.8
450.0
15.0
208.2
10.5
142.3
ns
tpd
Delay
Digital Input without Schmitt Trigger --
NMOS
—
73.5
—
26.0
—
16.3
ns
tpd
Delay
Output enable from pin, OE Hi-Z to 1
44.6
—
17.9
—
12.4
—
ns
tpd
Delay
Output enable from pin, OE Hi-Z to 0
—
43.0
—
17.6
—
12.5
ns
tpd
Delay
2-bit LUT (Latch shared macrocell
inputs)
29.6
24.8
11.5
10.1
8.2
6.9
ns
tpd
Delay
Latch (2-bit LUT shared macrocell
inputs)
29.2
31.5
11.8
12.5
8.4
8.4
ns
tpd
Delay
3-bit LUT (LATCH shared macrocell
inputs)
33.0
27.4
12.8
11.1
9.1
7.5
ns
tpd
Delay
Latch with nRST/nSET (3-bit LUT
shared macrocell inputs)
29.9
32.4
12.1
13.0
8.7
8.7
ns
tpd
Delay
4-bit LUT (shared macrocell inputs)
29.2
27.2
11.2
10.8
8.0
7.3
ns
tpd
Delay
2-bit LUT
19.4
18.8
7.2
7.4
5.1
5.0
ns
tpd
Delay
3-bit LUT
22.3
22.7
8.3
8.9
6.0
5.9
ns
tpd
Delay
CNT/DLY
38.4
36.0
15.2
15.1
10.8
10.4
ns
tpd
Delay
CNT/DLY (shared macrocell inputs)
41.0
36.2
16.3
15.6
11.5
10.9
ns
tpd
Delay
CNT3/DLY3 Rising Edge Detect (shared
macrocell inputs)
39.7
—
15.7
—
11.1
—
ns
tpd
Delay
CNT3/DLY3 Falling Edge Detect
(shared macrocell inputs)
—
41.5
—
16.9
—
11.6
ns
tpd
Delay
CNT3/DLY3 Both Edge Detect (shared
macrocell inputs)
39.7
41.5
15.7
16.9
11.1
11.6
ns
tpd
Delay
Filter
183.1
186.2
73.5
75.7
47.9
50.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com