Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 21Page - Dialog Semiconductor SLG46110V Datasheet HTML 22Page - Dialog Semiconductor SLG46110V Datasheet HTML 23Page - Dialog Semiconductor SLG46110V Datasheet HTML 24Page - Dialog Semiconductor SLG46110V Datasheet HTML 25Page - Dialog Semiconductor SLG46110V Datasheet HTML 26Page - Dialog Semiconductor SLG46110V Datasheet HTML 27Page - Dialog Semiconductor SLG46110V Datasheet HTML 28Page - Dialog Semiconductor SLG46110V Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
000-0046110-106
Page 24 of 81
SLG46110
8.1 Matrix Input Table
Table 14. Matrix Input Table
N
Matrix Input Signal Function
Matrix Decode
4
3
2
1
0
0
VSS
000
00
1
pin2 digital Input
0
0
0
0
1
2
pin3 digital Input
0
0
0
1
0
3
pin4 digital Input
0
0
0
1
1
4
pin6 digital Input
0
0
1
0
0
5
LUT2_0 output (DFF/LATCH_0 output)
0
0
1
0
1
6
LUT2_1 output (DFF/LATCH_1 output)
0
0
1
1
0
7
LUT2_2 output
0
0
1
1
1
8
LUT2_3 output
0
1
0
0
0
9
LUT3_0 output (DFF/LATCH_2 output with resetb or seb)
0
1
0
0
1
10
LUT3_1 output (DFF/LATCH_3 output with resetb or seb)
0
1
0
1
0
11
LUT3_2 output
0
1
0
1
1
12
LUT3_3 output
0
1
1
0
0
13
LUT3_4 output(pipe delay ouput0)
0
1
1
0
1
14
pipe delay ouput1
0
1
1
1
0
15
LUT4_0 output (CNT_DLY2 output (8 bit w/ ext CK,reset))
0
1
1
1
1
16
CNT_DLY0 output (8 bit w/ ext CK (shared bottom delay/cnt),reset)
100
00
17
CNT_DLY1 output (8 bit w/ ext CK (from dedicated matrix out-
put),reset)
100
01
18
CNT_DLY3 (8 bit) output
1
0
0
1
0
19
ACMP_0 output
100
11
20
ACMP_1 output
101
00
21
Edge detect output
1
0
1
0
1
22
Programmable delay with edge detector output (Deglitch filter out-
put)
101
10
23
internal oscillator output1 (one of /1,/2,/3,/4,/8,12/,24/,64/ selected
by REG)
101
11
24
internal oscillator output2 (one of /1,/2,/3,/4,/8,12/,24/,64/ selected
by REG)
110
00
25
Bandgap OK signal
1
1
0
0
1
26
POR output to matrix
1
1
0
1
0
27
pin8 digital Input
1
1
0
1
1
28
pin9 digital Input
1
1
1
0
0
29
pin10 digital Input
1
1
1
0
1
30
pin12 digital Input
1
1
1
1
0
31
VDD
111
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com