Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 8Page - Dialog Semiconductor SLG46110V Datasheet HTML 9Page - Dialog Semiconductor SLG46110V Datasheet HTML 10Page - Dialog Semiconductor SLG46110V Datasheet HTML 11Page - Dialog Semiconductor SLG46110V Datasheet HTML 12Page - Dialog Semiconductor SLG46110V Datasheet HTML 13Page - Dialog Semiconductor SLG46110V Datasheet HTML 14Page - Dialog Semiconductor SLG46110V Datasheet HTML 15Page - Dialog Semiconductor SLG46110V Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
000-0046110-106
Page 11 of 81
SLG46110
5.7 Typical Counter/Delay Offset Measurements
5.8 Expected Delays and Widths
Table 3. Typical Counter/Delay Offset Measurements.
Parameter
RC OSC
Freq
RC OSC Power
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
offset
25kHz
auto
19
14
12
s
offset
2MHz
auto
7
4
4
s
frequency settling time
25kHz
auto
19
14
12
s
frequency settling time
2MHz
auto
14
14
14
s
variable (CLK period)
25kHz
forced
0-40
0-40
0-40
s
variable (CLK period)
2MHz
forced
0-0.5
0-0.5
0-0.5
s
tpd (non-delayed edge)
25kHz/2MHz
either
35
14
10
ns
Table 4. Expected Delays and Widths for Programmable Delay (typical).
Symbol
Parameter
Note
VDD = 1.8 V VDD = 3.3V VDD = 5.0V
Unit
time1
Width, 1 cell
PDLY mode:(any)edge detect, edge detect
output
272.4
128.8
97.5
ns
time1
Width, 2 cell
PDLY mode:(any)edge detect, edge detect
output
582.7
272.6
205.1
ns
time1
Width, 3 cell
PDLY mode:(any)edge detect, edge detect
output
893.4
416.6
312.9
ns
time1
Width, 4 cell
PDLY mode:(any)edge detect, edge detect
output
1203.4
560.6
420.9
ns
time2
Delay, 1 cell
PDLY mode:(any)edge detect, edge detect
output
39.3
15.7
10.9
ns
time2
Delay, 2 cell
PDLY mode:(any)edge detect, edge detect
output
39.3
15.7
10.9
ns
time2
Delay, 3 cell
PDLY mode:(any)edge detect, edge detect
output
39.3
15.7
10.9
ns
time2
Delay, 4 cell
PDLY mode:(any)edge detect, edge detect
output
39.3
15.7
10.9
ns
time1
Delay, 1 cell
PDLY mode: both edge delay (shared
macrocell inputs)
354
161.5
120.1
ns
time1
Delay, 2 cell
PDLY mode: both edge delay (shared
macrocell inputs)
664.2
305.2
227.8
ns
time1
Delay, 3 cell
PDLY mode: both edge delay (shared
macrocell inputs)
974.9
449.1
335.7
ns
time1
Delay, 4 cell
PDLY mode: both edge delay (shared
macrocell inputs)
1284.8
593.1
443.6
ns
time1
Width
CNT3/DLY3 Rising Edge Detect (shared
macrocell inputs)
63.6
32.4
22.9
ns
time1
Width
CNT3/DLY3 Falling Edge Detect (shared
macrocell inputs)
61.3
31.1
22.5
ns
time1
Width
CNT3/DLY3 Both Edge Detect (shared
macrocell inputs)
62.2
31.6
22.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com