Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 15Page - Dialog Semiconductor SLG46110V Datasheet HTML 16Page - Dialog Semiconductor SLG46110V Datasheet HTML 17Page - Dialog Semiconductor SLG46110V Datasheet HTML 18Page - Dialog Semiconductor SLG46110V Datasheet HTML 19Page - Dialog Semiconductor SLG46110V Datasheet HTML 20Page - Dialog Semiconductor SLG46110V Datasheet HTML 21Page - Dialog Semiconductor SLG46110V Datasheet HTML 22Page - Dialog Semiconductor SLG46110V Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
000-0046110-106
Page 18 of 81
SLG46110
7.4.5 PIN 8 Register Settings
7.4.6 PIN 9 Register Settings
Table 10. PIN 8 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 8 Mode Control
reg <406:404>
000: Digital Input without Schmitt trigger
001: Digital Input with Schmitt trigger
010: Low voltage digital input
011: Analog Input
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input & Open Drain NMOS
PIN 8 Pull Up/Down
Resistor Value
Selection
reg <408:407>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 8 Pull Up/Down
Resistor Selection
reg <409>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 8 Driver
Strength Selection
reg <410>
0: 1X
1: 2X
Table 11. PIN 9 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 9 Mode Control
reg <413:411>
000: Digital Input without Schmitt trigger
001: Digital Input with Schmitt trigger
010: Low voltage digital input
011: Analog Input
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input & Open Drain NMOS
PIN 9 Pull Up/Down
Resistor Value
Selection
reg <415:414>
00: Floating
01: 10 k
 Resistor
10: 100 k
 Resistor
11: 1 M
 Resistor
PIN 9 Pull Up/Down
Resistor Selection
reg <416>
0: Pull Down Resistor
1: Pull Up Resistor
PIN 8 Driver
Strength Selection
reg <417>
0: 1X
1: 2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com