Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 75 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 75 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 71Page - Dialog Semiconductor SLG46110V Datasheet HTML 72Page - Dialog Semiconductor SLG46110V Datasheet HTML 73Page - Dialog Semiconductor SLG46110V Datasheet HTML 74Page - Dialog Semiconductor SLG46110V Datasheet HTML 75Page - Dialog Semiconductor SLG46110V Datasheet HTML 76Page - Dialog Semiconductor SLG46110V Datasheet HTML 77Page - Dialog Semiconductor SLG46110V Datasheet HTML 78Page - Dialog Semiconductor SLG46110V Datasheet HTML 79Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
000-0046110-106
Page 74 of 81
SLG46110
PIN12
reg <431:425>
reg <427:425> PIN12 mode control
000: Digital Input without Schmitt trigger
001: Digital Input with Schmitt trigger
010: Low voltage digital input
011: Analog Input / Output
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input / Output & Open drain
reg <429:428> PIN12 pull up/down resistor value selec-
tion
00: floating
01: 10K
10: 100K
11: 1M
reg <430> PIN12 pull up/down resistor select
0: pull down resistor enable
1: pull up resistor enable
reg <431> PIN12 driver strength selection
0: 1X
1: 2X
reg <432>
Pipe delay OUT1 polarity select bit
0: non-inverting
1: inverting
reg <440:433>
8-bit pattern id
8-bit pattern id
reg <441>
filter0 output polarity select
0: non-inverting
1: inverting
reg <443:442>
Reserved
Reserved
reg <444>
GPIO quick charge enable
0: Disable
1: Enable
reg <445>
Force bandgap on
0: Auto-mode
1: Enable
reg <446>
VREF1 Output Active Buffer Control
0: Disabled
1: Enabled
reg <449:447>
VREF1 Output Source Select
000: ACMP0 reference voltage
001: ACMP1 reference voltage
100: VDD/2
101: VDD/3
110: VDD/4
101: Reserved
110: Reserved
111: Reserved
reg <450>
NVM data read disable
0: Disable (read enable)
1: Enable (read disable)
reg <451>
NVM power down (or NVM data programming disable) 0: None (or programming enable)
1: Power Down (or programming disable)
reg <452>
Power Divider Power
0: Power down
1: Power On
reg <453>
POR Auto Power detect
0: Enable
1: Disable
reg <454>
Charge pump for analog macrocell enable (when VDD
<= 2.7 V turn on)
0: Disable (automatic on/off control)
1: Enable (always on)
reg <455>
VDD bypass enable
0: Regulator auto on
1: Regulator off (VDD bypass)"
reg <471:456>
Reserved
Reserved
reg <479:472>
Reserved
Reserved
Register Bit
Address
Signal Function
Register Bit Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com