Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 12Page - Dialog Semiconductor SLG46110V Datasheet HTML 13Page - Dialog Semiconductor SLG46110V Datasheet HTML 14Page - Dialog Semiconductor SLG46110V Datasheet HTML 15Page - Dialog Semiconductor SLG46110V Datasheet HTML 16Page - Dialog Semiconductor SLG46110V Datasheet HTML 17Page - Dialog Semiconductor SLG46110V Datasheet HTML 18Page - Dialog Semiconductor SLG46110V Datasheet HTML 19Page - Dialog Semiconductor SLG46110V Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
000-0046110-106
Page 15 of 81
SLG46110
7.0 I/O Pins
The SLG46110 has a total of 8 multi-function I/O pins which can function as either a user defined Input or Output, as well as
serving as a special function (such as outputting the voltage reference), or serving as a signal for programming of the on-chip
Non Volatile Memory (NVM).
Normal Mode pin definitions are as follows:
• Pin 1: VDD Power Supply
• Pin 2: General Purpose Input
• Pin 3: General Purpose I/O or Analog Comparator 0 (+)
• Pin 4: General Purpose I/O or Analog Comparator 0 (-)
• Pin 5: No Connect
• Pin 6: General Purpose I/O or Analog Comparator 1 (+) with OE
• Pin 7: Ground
• Pin 8: General Purpose I/O
• Pin 9: General Purpose I/O
• Pin 10: General Purpose I/O with OE and Vref Output
• Pin 11: No Connect
• Pin 12: General Purpose I/O or External Clock Input
Programming Mode pin definitions are as follows:
• Pin 1: VDD Power Supply
• Pin 2: VPP Programming Voltage
• Pin 3: Programming ID Pin
• Pin 7: Ground
• Pin 8: Programming Mode Control
• Pin 9: Programming SDIO Pin
• Pin 10: Programming SRDWB Pin
• Pin 12: Programming SCL Pin
Of the 8 user defined I/O pins on the SLG46110, all but one of the pins (Pin 2) can serve as both digital input and digital output.
Pin 2 can only serve as a digital input pin.
7.1 Input Modes
Each I/O pin can be configured as a digital input pin with/without buffered Schmitt trigger, or can also be configured as a low
voltage digital input. Pins 3, 4, and 6 can also be configured to serve as analog inputs to the on-chip comparators.
7.2 Output Modes
Pins 3, 4, 6, 8, 9, 10, and 12 can all be configured as digital output pins.
7.3 Pull Up/Down Resistors
All I/O pins have the option for user selectable resistors connected to the input structure. The selectable values on these resistors
are 10 k
, 100 k and 1 M. In the case of Pin 2, the resistors are fixed to a pull-down configuration. In the case of all other I/O
pins, the internal resistors can be configured as either pull-up or pull-downs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com