Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46110V Datasheet(PDF) 57 Page - Dialog Semiconductor

Part # SLG46110V
Description  Data Communications Equipment
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46110V Datasheet(HTML) 57 Page - Dialog Semiconductor

Back Button SLG46110V Datasheet HTML 53Page - Dialog Semiconductor SLG46110V Datasheet HTML 54Page - Dialog Semiconductor SLG46110V Datasheet HTML 55Page - Dialog Semiconductor SLG46110V Datasheet HTML 56Page - Dialog Semiconductor SLG46110V Datasheet HTML 57Page - Dialog Semiconductor SLG46110V Datasheet HTML 58Page - Dialog Semiconductor SLG46110V Datasheet HTML 59Page - Dialog Semiconductor SLG46110V Datasheet HTML 60Page - Dialog Semiconductor SLG46110V Datasheet HTML 61Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
000-0046110-106
Page 56 of 81
SLG46110
12.1 CNT/DLY0 Register Settings
12.2 CNT/DLY1 Register Settings
Table 41. CNT/DLY0 Register Settings
Signal Function
Register Bit
Address
Register Definition
Counter/Delay0
Mode Select
reg <314>
0: Delay Mode
1: Counter Mode
Counter/Delay0
Clock Source Select
(external clock is
only for counter
mode)
reg <317:315>
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: Reserved
111: Counter3 Overflow
Counter0 Control
Data/Delay0 Time
Control
reg <325:318>
1-256: (delay time = (counter control data +2) /freq)
Delay0 Mode Select
or asynchronous
counter reset
reg <327:326>
00: Delay on both falling and rising edges(for delay & counter reset)
01: Delay on falling edge only (for delay & counter reset)
10: Delay on rising edge only (for delay & counter reset)
11: No delay on either falling or rising edges / high level reset for counter mode
Table 42. CNT/DLY1 Register Settings
Signal Function
Register Bit
Address
Register Definition
Counter/Delay1
Mode Select
reg <328>
0: Delay Mode
1: Counter Mode
Counter/Delay1
Clock Source Select
(external clock is
only for counter
mode)
reg <331:329>
000: Internal OSC Clock
001: OSC/4
010: OSC/12
011: OSC/24
100: OSC/64
101: External Clock
110: Reserved
111: Counter0 Overflow
Counter1 Control
Data/Delay1 Time
Control
reg <339:332>
1-256: (delay time = (counter control data +2) /freq)
Delay1 Mode Select
or asynchronous
counter reset
reg <341:340>
00: Delay on both falling and rising edges(for delay & counter reset)
01: Delay on falling edge only (for delay & counter reset)
10: Delay on rising edge only (for delay & counter reset)
11: No delay on either falling or rising edges / high level reset for counter mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com