Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 7Page - Exar Corporation XRT75VL00D Datasheet HTML 8Page - Exar Corporation XRT75VL00D Datasheet HTML 9Page - Exar Corporation XRT75VL00D Datasheet HTML 10Page - Exar Corporation XRT75VL00D Datasheet HTML 11Page - Exar Corporation XRT75VL00D Datasheet HTML 12Page - Exar Corporation XRT75VL00D Datasheet HTML 13Page - Exar Corporation XRT75VL00D Datasheet HTML 14Page - Exar Corporation XRT75VL00D Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
6
RECEIVE INTERFACE
PIN #SIGNAL NAME
TYPE
DESCRIPTION
25
RxON/
SDI
I
Receiver Turn ON Input or Serial Data Input:
Function of this pin depends on whether the XRT75VL00D is configured to
operate in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” turns on and enables the
Receiver..
NOTES:
1.
If the XRT75VL00D is configured in HOST mode, this pin functions as
SDI input pin (please refer to the pin description for Microprocessor
Interface)
2.
This pin is internally pulled down.
23
REQEN
I
Receive Equalization Enable Input
Setting this input pin "High" enables the Internal Receive Equalizer. Setting this
pin "Low" disables the Internal Receive Equalizer.
NOTES:
1.
This input pin is ignored and may be connected to GND if the
XRT75VL00D is operating in the HOST Mode
2.
This pin is internally pulled down.
36
RxClk
O
Receive Clock Output
The Recovered Clock signal from the incoming line signal is output through this
pin.By default, the Receiver Section outputs data via RPOS and RNEG pins on
the rising edge of this clock signal.
Configure the Receiver Section to update data on the RPOS and RNEG pins on
the falling edge of RxClk by doing the following:
a) Operating in Hardware mode, pull the RxClkINV pin to “High”.
b) Operating in Host mode, write a “1” to RxClkINV bit field within the Receive
Control Register.
24
RxClkINV/
CS
I
RxClk INVERT or Chip Select:
Function of this pin depends on whether the XRT75VL00D is configured to
operate in Hardware mode or Host mode.
In Hardware mode, setting this input pin “High” configures the Receiver Sec-
tion
to invert the RxClk output signals and outputs the recovered data via
RPOS and RNEG on the falling edge of RxClk.
NOTE: If the XRT75VL00D is configured in HOST mode, this pin functions as
CS input pin (please refer to the pin description for Microprocessor
Interface).
38
RPOS
O
Receive Positive Data Output
This output pin pulses “High" whenever the XRT75VL00D has received a Posi-
tive Polarity pulse in the incoming line signal at the RTIP/RRing inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com