Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 83 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 83 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 79Page - Exar Corporation XRT75VL00D Datasheet HTML 80Page - Exar Corporation XRT75VL00D Datasheet HTML 81Page - Exar Corporation XRT75VL00D Datasheet HTML 82Page - Exar Corporation XRT75VL00D Datasheet HTML 83Page - Exar Corporation XRT75VL00D Datasheet HTML 84Page - Exar Corporation XRT75VL00D Datasheet HTML 85Page - Exar Corporation XRT75VL00D Datasheet HTML 86Page - Exar Corporation XRT75VL00D Datasheet HTML 87Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
78
• If the LIU has been configured to operate in the Hardware Mode
Then the user should tie the (SR/DR*) pin to "High".
c.
Configure each of the channels within the LIU to operate in the SONET De-Sync Mode
The user can accomplish this by executing either of the following steps.
• If the LIU has been configured to operate in the Host Mode.
Then the user should set Bit D2 (JA0) to "0" and Bit D0 (JA1) to "1", within the Jitter Attenuator Control
Register, as depicted below.
• If the LIU has been configured to operate in the Hardware Mode
Then the user should tie pin 44 (JA0) to a logic "HIGH" and pin 42 (JA1) to a logic "LOW".
Once the user accomplishes either of these steps, then the Jitter Attenuator (within the LIU) will be configured
to operate with a very narrow bandwidth.
d.
Configure the Jitter Attenuator (within each of the channels) to operate in the Transmit Direction.
The user can accomplish this by executing either the following steps.
• If the LIU has been configured to operate in the Host Mode.
Then the user should be Bit D1 (JATx/JARx*) to "1", within the Jitter Attenuator Control Register, as depicted
below.
CHANNEL CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X06
CHANNEL 1 ADDRESS LOCATION = 0X0E
CHANNEL 2 ADDRESS LOCATION = 0X16
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1
BIT 0
Unused
PRBS Enable
Ch_n
RLB_n
LLB_n
E3_n
STS-1/
DS3_n
SR/DR_n
R/O
R/O
R/W
R/W
R/W
R/W
R/W
R/W
0
0000
00
1
JITTER ATTENUATOR CONTROL REGISTER - (CHANNEL 0 ADDRESS LOCATION = 0X07
CHANNEL 1 ADDRESS LOCATION = 0X0F
CHANNEL 2 ADDRESS LOCATION = 0X17
BIT 7BIT 6BIT 5BIT 4BIT 3
BIT 2BIT 1
BIT 0
Unused
SONET APS
Recovery
Time
DisableCh_n
JA RESET
Ch_n
JA1 Ch_n
JA in Tx Path
Ch_n
JA0 Ch_n
R/O
R/O
R/O
R/W
R/W
R/W
R/W
R/W
0
0000
00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com