Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 91 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 91 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 84Page - Exar Corporation XRT75VL00D Datasheet HTML 85Page - Exar Corporation XRT75VL00D Datasheet HTML 86Page - Exar Corporation XRT75VL00D Datasheet HTML 87Page - Exar Corporation XRT75VL00D Datasheet HTML 88Page - Exar Corporation XRT75VL00D Datasheet HTML 89Page - Exar Corporation XRT75VL00D Datasheet HTML 90Page - Exar Corporation XRT75VL00D Datasheet HTML 91Page - Exar Corporation XRT75VL00D Datasheet HTML 92Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 91 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
86
ORDERING INFORMATION
PACKAGE DIMENSIONS
PART NO.PACKAGE
OPERATING TEMPERATURE RANGE
XRT75VL00DIV
52 Pin TQFP (10mm x 10mm)
-40°C to +85°C
SYMBOL
MIN
MAX
MIN
MAX
A
0.055
0.063
1.40
1.60
A1
0.002
0.006
0.05
0.15
A2
0.053
0.057
1.35
1.45
B
0.009
0.015
0.22
0.38
C
0.004
0.008
0.09
0.20
D
0.465
0.480
11.80
12.20
D1
0.390
0.398
9.90
10.10
e
0.0256 BSC
0.65 BSC
L
0.018
0.030
0.45
0.75
α
0°
7°
0°
7°
β
aaa
-
0.003
-
0.08
7° typ
7° typ
INCHES
MILLIMETERS
Note: The control dimension is the millimeter column
39
27
26
14
113
40
52
D
D
1
D
D
1
B
e
α
A
2
A
1
A
Seating Plane
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com