Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 74 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 74 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 70Page - Exar Corporation XRT75VL00D Datasheet HTML 71Page - Exar Corporation XRT75VL00D Datasheet HTML 72Page - Exar Corporation XRT75VL00D Datasheet HTML 73Page - Exar Corporation XRT75VL00D Datasheet HTML 74Page - Exar Corporation XRT75VL00D Datasheet HTML 75Page - Exar Corporation XRT75VL00D Datasheet HTML 76Page - Exar Corporation XRT75VL00D Datasheet HTML 77Page - Exar Corporation XRT75VL00D Datasheet HTML 78Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
69
NOTE: All of these intrinsic jitter measurements are to be performed using a band-pass filter of 10Hz to 400kHz.
Each of the scenarios presented in Table 18, are briefly described below.
9.5.1
DS3 De-Mapping Jitter
DS3 De-Mapping Jitter is the amount of Intrinsic Jitter that will be measured within the "Line" or "Facility-side"
DS3 signal, (after it has been de-mapped from a SONET signal) without the occurrence of "Pointer
Adjustments" within the SONET signal.
Telcordia GR-253-CORE requires that the "DS3 De-Mapping" Jitter be less than 0.4UI-pp, when measured
over all possible combinations of DS3 and STS-1 frequency offsets.
9.5.2
Single Pointer Adjustment
Telcordia GR-253-CORE states that if each pointer adjustment (within a continuous stream of pointer
adjustments) is separated from each other by a period of 30 seconds, or more; then they are sufficiently
isolated to be considered "Single-Pointer Adjustments".
Figure 48 presents an illustration of the "Single Pointer Adjustment" Scenario.
Telcordia GR-253-CORE states that the Intrinsic Jitter that is measured (within the DS3 signal) that is
ultimately de-mapped from a SONET signal that is experiencing "Single-Pointer Adjustment" events, must
NOT exceed the value 0.3UI-pp + Ao.
NOTES:
1.
Ao is the amount of Intrinsic Jitter that was measured during the "De-Mapping" Jitter portion of this test.
2.
Testing must be performed for both Incrementing and Decrementing Pointer Adjustments.
9.5.3
Pointer Burst
Figure 49 presents an illustration of the "Pointer Burst" Pointer Adjustment Scenario per Telcordia GR-253-
CORE.
Continuous Add
A5
1.3UI-pp
Includes effects of Jitter from Clock-Gapping, De-Map-
ping and Pointer Adjustments.
Continuous Cancel
A5
1.3UI-pp
Includes effects of Jitter from Clock-Gapping, De-Map-
ping and Pointer Adjustments.
FIGURE 48. ILLUSTRATION OF SINGLE POINTER ADJUSTMENT SCENARIO
TABLE 18: SUMMARY OF "CATEGORY I INTRINSIC JITTER REQUIREMENT PER TELCORDIA GR-253-CORE, FOR DS3
APPLICATIONS
SCENARIO
DESCRIPTION
SCENARIO
NUMBER
TELCORDIA GR-253-CORE
CATEGORY I INTRINSIC
JITTER REQUIREMENTS
COMMENTS
Initialization
Cool Down
Measurement Period
>30s
Pointer Adjustment Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com