Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 57 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 57 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 53Page - Exar Corporation XRT75VL00D Datasheet HTML 54Page - Exar Corporation XRT75VL00D Datasheet HTML 55Page - Exar Corporation XRT75VL00D Datasheet HTML 56Page - Exar Corporation XRT75VL00D Datasheet HTML 57Page - Exar Corporation XRT75VL00D Datasheet HTML 58Page - Exar Corporation XRT75VL00D Datasheet HTML 59Page - Exar Corporation XRT75VL00D Datasheet HTML 60Page - Exar Corporation XRT75VL00D Datasheet HTML 61Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
52
In general, the role/purpose of the TOH bytes is to fulfill the following functions.
• To support STS-1 Frame Synchronization
• To support Error Detection within the STS-1 frame
• To support the transmission of various alarm conditions such as RDI-L (Line - Remote Defect Indicator) and
REI-L (Line - Remote Error Indicator)
• To support the Transmission and Reception of "Section Trace" Messages
• To support the Transmission and Reception of OAM&P Messages via the DCC Bytes (Data Communication
Channel bytes - D1 through D12 byte)
The roles of most of the TOH bytes is beyond the scope of this Data Sheet and will not be discussed any
further. However, there are a three TOH bytes that are important from the stand-point of this data sheet, and
will discussed in considerable detail throughout this document. These are the H1 and H2 (e.g., the SPE
Pointer) bytes and the H3 (e.g., the Pointer Action) byte.
Figure 34 presents an illustration of the Byte-Format of the TOH within an STS-1 Frame, with the H1, H2 and
H3 bytes highlighted.
FIGURE 33. THE BYTE-FORMAT OF THE TOH WITHIN AN STS-1 FRAME
A1
A1
B1
B1
D1
D1
H1
H1
B2
B2
D4
D4
S1
S1
D10
D10
D7
D7
C1
C1
F1
F1
D3
D3
H3
H3
K2
K2
D6
D6
E2
E2
D12
D12
D9
D9
A2
A2
E1
E1
D2
D2
H2
H2
K1
K1
D5
D5
M0
M0
D11
D11
D8
D8
Envelope Capacity
Bytes
Envelope Capacity
Bytes
3 Byte Columns
87 Byte Columns
9 Rows
The TOH Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com