Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 82 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 82 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 78Page - Exar Corporation XRT75VL00D Datasheet HTML 79Page - Exar Corporation XRT75VL00D Datasheet HTML 80Page - Exar Corporation XRT75VL00D Datasheet HTML 81Page - Exar Corporation XRT75VL00D Datasheet HTML 82Page - Exar Corporation XRT75VL00D Datasheet HTML 83Page - Exar Corporation XRT75VL00D Datasheet HTML 84Page - Exar Corporation XRT75VL00D Datasheet HTML 85Page - Exar Corporation XRT75VL00D Datasheet HTML 86Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
77
• Using a particular clock edge within the "gapped" clock signal (from the Mapper IC) to sample and latch the
value of each DS3 data-bit that is output from the Mapper IC.
• To (through the user of the Jitter Attenuator block) attenuate the jitter within this "DS3 data" and "clock signal"
that is output from the Mapper IC.
• To convert this "smoothed" DS3 data and clock into industry-compliant DS3 pulses, and to output these
pulses onto the line.
To configure the LIU to operate in the correct mode for this application, the user must execute the following
configuration steps.
a.
Configure the LIU to operate in the DS3 Mode
The user can configure a given channel (within the LIU) to operate in the DS3 Mode, by executing either of the
following steps.
• If the LIU has been configured to operate in the Host Mode
The user can accomplish this by setting both Bits 2 (E3_n) and Bits 1 (STS-1/DS3*_n), within each of the
"Channel Control Registers" to "0" as depicted below.
• If the LIU has been configured to operate in the Hardware Mode
The user can accomplish this by pulling all of the following input pins "Low".
Pin 76 - E3_0
Pin 94 - E3_1
Pin 85 - E3_2
Pin 72 - STS-1/DS3_0
Pin 98 - STS-1/DS3_1
Pin 81 - STS-1/DS3_2
b.
Configure the LIU to operate in the Single-Rail Mode
Since the Mapper IC will typically output a single "Data Line" and a "Clock Line" for each DS3 signal that it
demaps from the incoming STS-N signal, it is imperative to configure each channel within the LIU to operate in
the Single Rail Mode.
The user can accomplish this by executing either of the following steps.
• If the LIU has been configured to operate in the Host Mode
The user can accomplish this by setting Bit 0 (SR/DR*), within the each of the "Channel Control" Registers to
1, as illustrated below.
CHANNEL CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X06
CHANNEL 1 ADDRESS LOCATION = 0X0E
CHANNEL 2 ADDRESS LOCATION = 0X16
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1
BIT 0
Unused
PRBS Enable
Ch_n
RLB_n
LLB_n
E3_n
STS-1/DS3_n
SR/DR_n
R/O
R/O
R/W
R/W
R/W
R/W
R/W
R/W
00
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com