Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 55 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 55 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 51Page - Exar Corporation XRT75VL00D Datasheet HTML 52Page - Exar Corporation XRT75VL00D Datasheet HTML 53Page - Exar Corporation XRT75VL00D Datasheet HTML 54Page - Exar Corporation XRT75VL00D Datasheet HTML 55Page - Exar Corporation XRT75VL00D Datasheet HTML 56Page - Exar Corporation XRT75VL00D Datasheet HTML 57Page - Exar Corporation XRT75VL00D Datasheet HTML 58Page - Exar Corporation XRT75VL00D Datasheet HTML 59Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
50
• Telcordia GR-253-CORE’s recommendation on mapping DS3 data into an STS-1 SPE
An STS-1 frame is a data-structure that consists of 810 bytes (or 6480 bits). A given STS-1 frame can be
viewed as being a 9 row by 90 byte column array (making up the 810 bytes). The frame-repetition rate (for an
STS-1 frame) is 8000 frames/second. Therefore, the bit-rate for an STS-1 signal is (6480 bits/frame * 8000
frames/sec =) 51.84Mbps.
A simple illustration of this SONET STS-1 frame is presented below in Figure 31.
Figure 31 indicates that the very first byte of a given STS-1 frame (to be transmitted or received) is located in
the extreme upper left hand corner of the 90 column by 9 row array, and that the very last byte of a given STS-
1 frame is located in the extreme lower right-hand corner of the frame structure. Whenever a Network Element
transmits a SONET STS-1 frame, it starts by transmitting all of the data, residing within the top row of the STS-
1 frame structure (beginning with the left-most byte, and then transmitting the very next byte, to the right). After
the Network Equipment has completed its transmission of the top or first row, it will then proceed to transmit the
second row of data (again starting with the left-most byte, first). Once the Network Equipment has transmitted
the last byte of a given STS-1 frame, it will proceed to start transmitting the very next STS-1 frame.
The illustration of the STS-1 frame (in Figure 31) is very simplistic, for multiple reasons. One major reason is
that the STS-1 frame consists of numerous types of bytes. For the sake of discussion within this data sheet,
the STS-1 frame will be described as consisting of the following types (or groups) of bytes.
• The Transport Overheads (or TOH) Bytes
• The Envelope Capacity Bytes
9.2.1.1.1
The Transport Overhead (TOH) Bytes
The Transport Overhead or TOH bytes occupy the very first three (3) byte columns within each STS-1 frame.
Figure 32 presents another simple illustration of an STS-1 frame structure. However, in this case, both the
TOH and the Envelope Capacity bytes are designated in this Figure.
FIGURE 31. A SIMPLE ILLUSTRATION OF THE SONET STS-1 FRAME
STS-1 Frame (810 Bytes)
90 Bytes
9 Rows
First Byte of the STS-1 Frame
Last Byte of the STS-1 Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com