Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 18 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 18 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 14Page - Exar Corporation XRT75VL00D Datasheet HTML 15Page - Exar Corporation XRT75VL00D Datasheet HTML 16Page - Exar Corporation XRT75VL00D Datasheet HTML 17Page - Exar Corporation XRT75VL00D Datasheet HTML 18Page - Exar Corporation XRT75VL00D Datasheet HTML 19Page - Exar Corporation XRT75VL00D Datasheet HTML 20Page - Exar Corporation XRT75VL00D Datasheet HTML 21Page - Exar Corporation XRT75VL00D Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
13
JITTER ATTENUATOR INTERFACE
PIN #SIGNAL NAME
TYPE
DESCRIPTION
6
JA0
I
Disable Jitter Attenuator/FIFO Size Select::
In Hardware Mode, this pin along with JA1 pin provides the following functions
in the table below.
NOTE: This pin is internally pulled down.
7
JA1
I
Disable Jitter Attenuator/FIFO Size Select:
In Hardware Mode, this pin along with JA0 pin provides the functions in the
table above.
NOTE: This pin is internally pulled down.
8
JA Tx/Rx
I
Jitter Attenuator Select:
In Hardware Mode setting this pin “High” selects the Jitter Attenuator in the
Transmit path and setting “Low” selects in Receive path.
NOTE: This pin is internally pulled down.
JA0
0
0
Operation
16 bit FIFO
32 bit FIFO
JA1
0
1
1
1
128 bit FIFO
Disable Jitter
Attenuator
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com