Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 75 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 75 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 71Page - Exar Corporation XRT75VL00D Datasheet HTML 72Page - Exar Corporation XRT75VL00D Datasheet HTML 73Page - Exar Corporation XRT75VL00D Datasheet HTML 74Page - Exar Corporation XRT75VL00D Datasheet HTML 75Page - Exar Corporation XRT75VL00D Datasheet HTML 76Page - Exar Corporation XRT75VL00D Datasheet HTML 77Page - Exar Corporation XRT75VL00D Datasheet HTML 78Page - Exar Corporation XRT75VL00D Datasheet HTML 79Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
70
Telcordia GR-253-CORE mandates that the Intrinsic Jitter, within the DS3 signal that is de-mapped from a
SONET signal, which is experiencing the "Burst of Pointer Adjustment" scenario, must NOT exceed 1.3UI-pp.
9.5.4
Phase Transients
Figure 50 presents an illustration of the "Phase Transients" Pointer Adjustment Scenario per Telcordia GR-
253-CORE.
Telcordia GR-253-CORE mandates that the Intrinsic Jitter, within the DS3 signal that is de-mapped from a
SONET signal, which is experiencing the "Phase Transient - Pointer Adjustment" scenario must NOT exceed
1.2UI-pp.
FIGURE 49. ILLUSTRATION OF BURST OF POINTER ADJUSTMENT SCENARIO
FIGURE 50. ILLUSTRATION OF "PHASE-TRANSIENT" POINTER ADJUSTMENT SCENARIO
Initialization
Cool Down
Measurement Period
>30s
Pointer Adjustment Events
0.5ms
t
Pointer Adjustment Burst Train
0.5ms
Initialization
Cool Down
Measurement Period
>30s
Pointer Adjustment Events
0.25s
t
Pointer Adjustment Burst Train
0.25s
0.5s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com