Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 31 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 31 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 27Page - Exar Corporation XRT75VL00D Datasheet HTML 28Page - Exar Corporation XRT75VL00D Datasheet HTML 29Page - Exar Corporation XRT75VL00D Datasheet HTML 30Page - Exar Corporation XRT75VL00D Datasheet HTML 31Page - Exar Corporation XRT75VL00D Datasheet HTML 32Page - Exar Corporation XRT75VL00D Datasheet HTML 33Page - Exar Corporation XRT75VL00D Datasheet HTML 34Page - Exar Corporation XRT75VL00D Datasheet HTML 35Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
26
For E3 mode, the pulse shaper converts the HDB3 encoded pulses into a single full amplitude square shaped
pulse with very little slope. This is illustrated in Figure 7.
The Pulse Shaper Block also consists of a Transmit Build Out Circuit, which can either be disabled or enabled
by setting the TxLEV input pin “High” or “Low” (in Hardware Mode) or setting the TxLEV bit to “1” or “0” in the
control register (in Host Mode).
For DS3/STS-1 rates, the Transmit Build Out Circuit is used to shape the transmit waveform that ensures that
transmit pulse template requirements are met at the Cross-Connect system. The distance between the
transmitter output and the Cross-Connect system can be between 0 to 450 feet.
For E3 rate, since the output pulse template is measured at the secondary of the transformer and since there is
no Cross-Connect system pulse template requirements, the Transmit Build Out Circuit is always disabled.
4.3.1
Guidelines for using Transmit Build Out Circuit:
If the distance between the transmitter and the DSX3 or STSX-1, Cross-Connect system, is less than 225 feet,
enable the Transmit Build Out Circuit by setting the TxLEV input pin “Low” (in Hardware Mode) or setting the
TxLEV control bit to “0” (in Host Mode).
If the distance between the transmitter and the DSX3 or STSX-1 is greater than 225 feet, disable the Transmit
Build Out Circuit.
4.3.2
Interfacing to the line:
The differential line driver increases the transmit waveform to appropriate level and drives into the 75
Ω load as
shown in Figure 6.
4.4
Transmit Drive Monitor:
This feature is used for monitoring the transmit line for occurrence of fault conditions such as short circuit on
the line or defective line driver.The device can also be configured for internal tranmit driver monitoring.
To monitor the transmitter output of another chip, connect MTIP pin to the TTIP line via a 270
Ω resistor and
MRing pins to TRing line via 270
Ω resistor as shown in Figure 16
In order to configure the device for internal transmit driver monitoring, set the TxMON bit to “1” in the transmit
control register.
FIGURE 16. TRANSMIT DRIVER MONITOR SET-UP.
TT I P
TR i n g
X R T75V L00
1: 1
R3
75
Ω
Tx PO S
Tx N E G
Tx L in e C lk
TP D a t a
T NDa t a
Tx C lk
Re x t
Re f A GND
31. 6
Ω + 1%
31 . 6
Ω +1%
R1
R2
MR i n g
MT I P
R5 2 7 0
Ω
R4 2 7 0
Ω
Tx P O S
Tx N E G
T x Li ne C l k
TPD a t a
TN D a t a
Tx C lk
Re x t
Re f A G N D
MR i n g
MT I P
TTI P
TR i n g
R3
75
Ω
31. 6
Ω + 1%
31. 6
Ω +1%
R1
R2
1: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com