Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 9Page - Exar Corporation XRT75VL00D Datasheet HTML 10Page - Exar Corporation XRT75VL00D Datasheet HTML 11Page - Exar Corporation XRT75VL00D Datasheet HTML 12Page - Exar Corporation XRT75VL00D Datasheet HTML 13Page - Exar Corporation XRT75VL00D Datasheet HTML 14Page - Exar Corporation XRT75VL00D Datasheet HTML 15Page - Exar Corporation XRT75VL00D Datasheet HTML 16Page - Exar Corporation XRT75VL00D Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
8
CLOCK INTERFACE
PIN #SIGNAL NAME
TYPE
DESCRIPTION
44
ExClk/12M
I
Clock Input (34.368 MHz or 44.736 MHz or 51.84 MHz ± 20 ppm):
Based on the mode selected, provide the appropriate reference clock signal.
If the XRT75VL00D is configured for Single Frequency Mode with the SFM_EN
tied “High”, then provide a 12.288 MHz ± 20 ppm clock and depending on the
mode, the correct frequency is generated internally by the clock synthesizer..
9SFM_EN
I
Single Frequency Enable:
Tie this pin “High” to select the single frequency mode. When enabled, a single
frequency clock, 12.288 MHz is input through the ExClk input pin and the inter-
nal clock synthesizer generates the appropriate clock frequency.
NOTE: This pin is internally pulled down.
39
CLK_OUT
O
Clock out put:
When the Single Frequency Mode is selected, a low jitter clock will be out put.
The frequency of this clock depends on whether the XRT75VL00D is configured
in E3 or DS3 or STS-1 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com