Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 3Page - Exar Corporation XRT75VL00D Datasheet HTML 4Page - Exar Corporation XRT75VL00D Datasheet HTML 5Page - Exar Corporation XRT75VL00D Datasheet HTML 6Page - Exar Corporation XRT75VL00D Datasheet HTML 7Page - Exar Corporation XRT75VL00D Datasheet HTML 8Page - Exar Corporation XRT75VL00D Datasheet HTML 9Page - Exar Corporation XRT75VL00D Datasheet HTML 10Page - Exar Corporation XRT75VL00D Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
4
Figure 53. Illustration of 87-3 Cancel Pointer Adjustment Scenario ............................................................... 72
9.5.8 Continuous Pattern ............................................................................................................................ 73
9.5.9 Continuous Add ................................................................................................................................ 73
Figure 54. Illustration of Continuous Periodic Pointer Adjustment Scenario ................................................. 73
9.5.10 Continuous Cancel .......................................................................................................................... 74
Figure 55. Illustration of Continuous-Add Pointer Adjustment Scenario ......................................................... 74
Figure 56. Illustration of Continuous-Cancel Pointer Adjustment Scenario .................................................... 74
9.6 A REVIEW OF THE DS3 WANDER REQUIREMENTS PER ANSI T1.105.03B-1997. ............................................... 75
9.7 A REVIEW OF THE INTRINSIC JITTER AND WANDER CAPABILITIES OF THE LIU IN A TYPICAL SYSTEM APPLICATION ...
75
9.7.1 Intrinsic Jitter Test results ................................................................................................................ 75
TABLE 19: SUMMARY OF "CATEGORY I INTRINSIC JITTER TEST RESULTS" FOR SONET/DS3 APPLICATIONS ....... 75
9.7.2 Wander Measurement Test Results ................................................................................................. 76
9.8 DESIGNING WITH THE LIU ................................................................................................................................. 76
9.8.1 How to design and configure the LIU to permit a system to meet the above-mentioned Intrinsic
Jitter and Wander requirements ...................................................................................................................................... 76
Figure 57. Illustration of the LIU being connected to a Mapper IC for SONET De-Sync Applications ........... 76
CHANNEL CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X06 ................................................... 77
CHANNEL 1 ADDRESS LOCATION = 0X0E ........................................... 77
CHANNEL 2 ADDRESS LOCATION = 0X16 ........................................... 77
CHANNEL CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X06 ................................................... 78
CHANNEL 1 ADDRESS LOCATION = 0X0E ................................................ 78
CHANNEL 2 ADDRESS LOCATION = 0X16 ................................................. 78
JITTER ATTENUATOR CONTROL REGISTER - (CHANNEL 0 ADDRESS LOCATION = 0X07 ................................. 78
CHANNEL 1 ADDRESS LOCATION = 0X0F .................................... 78
CHANNEL 2 ADDRESS LOCATION = 0X17 .................................... 78
9.8.2 Recommendations on Pre-Processing the Gapped Clocks (from the Mapper/ASIC Device) prior to
routing this DS3 Clock and Data-Signals to the Transmit Inputs of the LIU ............................................................... 79
SOME NOTES PRIOR TO STARTING THIS DISCUSSION: 79
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07 .................................. 79
CHANNEL 1 ADDRESS LOCATION = 0X0F .............................. 79
CHANNEL 2 ADDRESS LOCATION = 0X17 .............................. 79
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07 .................................. 79
CHANNEL 1 ADDRESS LOCATION = 0X0F ............................. 79
CHANNEL 2 ADDRESS LOCATION = 0X17 ............................. 79
OUR PRE-PROCESSING RECOMMENDATIONS 80
Figure 58. Illustration of MINOR PATTERN P1 .............................................................................................. 80
Figure 59. Illustration of MINOR PATTERN P2 .............................................................................................. 81
Figure 60. Illustration of Procedure which is used to Synthesize MAJOR PATTERN A ................................ 81
Figure 61. Illustration of MINOR PATTERN P3 .............................................................................................. 82
Figure 62. Illustration of Procedure which is used to Synthesize PATTERN B ............................................. 82
9.8.3 How does the LIU permit the user to comply with the SONET APS Recovery Time requirements
of 50ms (per Telcordia GR-253-CORE)? ......................................................................................................................... 83
Figure 63. Illustration of the SUPER PATTERN which is output via the "OC-N to DS3" Mapper IC .............. 83
Figure 64. Simple Illustration of the LIU being used in a SONET De-Synchronizer" Application ................... 83
TABLE 20: MEASURED APS RECOVERY TIME AS A FUNCTION OF DS3 PPM OFFSET ............................................ 84
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07 .................................. 84
CHANNEL 1 ADDRESS LOCATION = 0X0F ............................. 84
CHANNEL 2 ADDRESS LOCATION = 0X17 ............................. 84
9.8.4 How should one configure the LIU, if one needs to support "Daisy-Chain" Testing at the end Cus-
tomer’s site? ..................................................................................................................................................................... 85
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07 .................................. 85
CHANNEL 1 ADDRESS LOCATION = 0X0F .................................... 85
CHANNEL 2 ADDRESS LOCATION = 0X17 .................................... 85
ORDERING INFORMATION ............................................................................................................................ 86
PACKAGE DIMENSIONS ................................................................................................. 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com