Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 81 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 81 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 77Page - Exar Corporation XRT75VL00D Datasheet HTML 78Page - Exar Corporation XRT75VL00D Datasheet HTML 79Page - Exar Corporation XRT75VL00D Datasheet HTML 80Page - Exar Corporation XRT75VL00D Datasheet HTML 81Page - Exar Corporation XRT75VL00D Datasheet HTML 82Page - Exar Corporation XRT75VL00D Datasheet HTML 83Page - Exar Corporation XRT75VL00D Datasheet HTML 84Page - Exar Corporation XRT75VL00D Datasheet HTML 85Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
76
9.7.2
Wander Measurement Test Results
Wander Measurement test results will be provided in the next revision of the LIU Data Sheet.
9.8
Designing with the LIU
In this section, we will discuss the following topics.
• How to design with and configure the LIU to permit a system to meet the above-mentioned Intrinsic Jitter and
Wander requirements.
• How is the LIU able to meet the above-mentioned requirements?
• How does the LIU permits the user to comply with the SONET APS Recovery Time requirements of 50ms
(per Telcordia GR-253-CORE)?
• How should one configure the LIU, if one needs to support "Daisy-Chain" Testing at the end Customer’s site?
9.8.1
How to design and configure the LIU to permit a system to meet the above-mentioned
Intrinsic Jitter and Wander requirements
As mentioned earlier, in most application (in which the LIU will be used in a SONET De-Sync Application) the
user will typically interface the LIU to a Mapper device in the manner as presented below in Figure 57.
In this application, the Mapper has the responsibility of receiving a SONET STS-N/OC-N signal and extracting
as many as N DS3 signals from this signal. As a given channel within the Mapper IC extracts out a given DS3
signal (from SONET) it will typically be applying a Clock and Data signal to the "Transmit Input" of the LIU IC.
Figure 57 presents a simple illustration as to how one channel, within the LIU should be connected to the
Mapper IC.
As mentioned above, the Mapper IC will typically output a Clock and Data signal to the LIU. In many cases,
the Mapper IC will output the contents of an entire STS-1 data-stream via the Data Signal to the LIU. However,
the Mapper IC typically only supplies a clock pulse via the Clock Signal to the LIU coincident to whenever a
DS3 bit is being output via the Data Signal. In this case, the Mapper IC would not supply a clock edge
coincident to when a TOH, POH or any non-DS3 data-bit is being output via the Data-Signal.
Figure 57 indicates that the Data Signal from the Mapper device should be connected to the TPDATA_n input
pin of the LIU IC and that the Clock Signal from the Mapper device should be connected to the TCLK_n input
pin of the LIU IC.
In this application, the LIU has the following responsibilities.
FIGURE 57. ILLUSTRATION OF THE LIU BEING CONNECTED TO A MAPPER IC FOR SONET DE-SYNC APPLICATIONS
DS3 to STS-N
Mapper/
Demapper
IC
DS3 to STS-N
Mapper/
Demapper
IC
LIU
LIU
STS-N Signal
TPDATA_n input pin
TCLK n input
De-Mapped (Gapped)
DS3 Data and Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com