Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 42 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 42 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 38Page - Exar Corporation XRT75VL00D Datasheet HTML 39Page - Exar Corporation XRT75VL00D Datasheet HTML 40Page - Exar Corporation XRT75VL00D Datasheet HTML 41Page - Exar Corporation XRT75VL00D Datasheet HTML 42Page - Exar Corporation XRT75VL00D Datasheet HTML 43Page - Exar Corporation XRT75VL00D Datasheet HTML 44Page - Exar Corporation XRT75VL00D Datasheet HTML 45Page - Exar Corporation XRT75VL00D Datasheet HTML 46Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
37
0x22-
0x2F
Reserved
Reserved
0x30
PRBS Error Count
(MSB)
MSB
LSB
0x31
PRBS Error Count
(LSB)
MSB
LSB
0x32-0x37
Reserved
0x38
PRBS Holding
MSB
LSB
0x39-
0x3D
Reserved
0x3E
Chip_id
(read only)
Device part number (7:0)
0x3F
Chip_version
(read only)
Chip revision number (7:0)
TABLE 16: REGISTER MAP DESCRIPTION
ADDRESS
(HEX)
TYPE
BIT LOCATION
SYMBOL
DESCRIPTION
DEFAULT
VALUE(BIN)
0x00
R/W
D0
RxON
Bit 4 = RxON, Receiver Turn On. Writing a “1” to the
bit field turns on the Receiver and a “0” turn off the
Receiver.
0
D4
TxON
Bit 0 = TxON, Transmitter Turn On. Writing a “1” to
the bit field turn on the Transmitter. Writing a “0” turns
off the transmitter and tri-state the transmitter output
(TTIP/TRing).
0
TABLE 15: REGISTER MAP AND BIT NAMES
ADDRESS
(HEX)
PARAMETER
NAME
DATA BITS
76
5
43210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com