Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 67 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 67 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 63Page - Exar Corporation XRT75VL00D Datasheet HTML 64Page - Exar Corporation XRT75VL00D Datasheet HTML 65Page - Exar Corporation XRT75VL00D Datasheet HTML 66Page - Exar Corporation XRT75VL00D Datasheet HTML 67Page - Exar Corporation XRT75VL00D Datasheet HTML 68Page - Exar Corporation XRT75VL00D Datasheet HTML 69Page - Exar Corporation XRT75VL00D Datasheet HTML 70Page - Exar Corporation XRT75VL00D Datasheet HTML 71Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
62
Figure 43 relates the contents within these 10 bits (within the H1 and H2 bytes) to the location of the J1 byte
(e.g., the very first byte of the STS-1 SPE) within the Envelope Capacity.
NOTES:
1.
If the content of the "Pointer Bits" is "0x00" then the J1 byte is located immediately after the H3 byte, within the
Envelope Capacity.
2.
If the contents of the 10-bit expression exceed the value of 0x30F (or 782, in decimal format) then it does not
contain a valid pointer value.
9.3.2
Pointer Adjustments within the SONET Network
The word SONET stands for "Synchronous Optical NETwork.
This name implies that the entire SONET
network is synchronized to a single clock source. However, because the SONET (and SDH) Networks can
FIGURE 42. THE BIT-FORMAT OF THE 16-BIT WORD (CONSISTING OF THE H1 AND H2 BYTES) WITH THE 10 BITS,
REFLECTING THE LOCATION OF THE
J1 BYTE, DESIGNATED
FIGURE 43. THE RELATIONSHIP BETWEEN THE CONTENTS OF THE "POINTER BITS" (E.G., THE 10-BIT EXPRESSION
WITHIN THE
H1 AND H2 BYTES) AND THE LOCATION OF THE J1 BYTE WITHIN THE ENVELOPE CAPACITY OF AN STS-
1 FRAME
X
X
X
X
X
X
X
X
X
X
S
S
N
N
N
N
LSB
MSB
H2 Byte
H1 Byte
10 Bit Pointer Expression
521
520
* * * * * * * *
* *
436
435
E2
M0
S1
434
433
* * * * * * * *
* *
349
348
D12
D11
D10
347
346
* * * * * * * *
* *
262
261
D9
D8
D7
260
259
* * * * * * * *
* *
175
174
D6
D5
D4
173
172
* * * * * * * *
* *
88
87
K2
K1
B2
86
85
* * * * * * * *
* *
1
0
H3
H2
H1
782
781
* * * * * * * *
* *
697
696
D3
D2
D1
695
694
* * * * * * * *
* *
610
609
F1
E1
B1
608
607
* * * * * * * *
* *
523
522
C1/J0
A2
A1
TOH
The Pointer Value “0” is immediately
After the H3 byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com