Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 3 Page - Exar Corporation

  XRT75VL00D Datasheet HTML 1Page - Exar Corporation XRT75VL00D Datasheet HTML 2Page - Exar Corporation XRT75VL00D Datasheet HTML 3Page - Exar Corporation XRT75VL00D Datasheet HTML 4Page - Exar Corporation XRT75VL00D Datasheet HTML 5Page - Exar Corporation XRT75VL00D Datasheet HTML 6Page - Exar Corporation XRT75VL00D Datasheet HTML 7Page - Exar Corporation XRT75VL00D Datasheet HTML 8Page - Exar Corporation XRT75VL00D Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
3
• Outputs either Single-Rail or Dual-Rail data to the Terminal Equipment.
JITTER ATTENUATORS
The XRT75VL00D includes a Jitter Attenuator that meets the Jitter requirements specified in the ETSI TBR-24,
Bellcore GR-499 and GR-253 standards. In addition, the jitter attenuator also meets the Jitter and Wander
specifications described in the ANSI T1.105.03b 1997, Bellcore GR-253 and GR-499 standards.
FIGURE 2. PIN OUT OF THE XRT75VL00D
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT75VL00DIV
52 Pin TQFP
-40°C to +85°C
XRT75VL00D
(top view)
40
41
42
43
44
45
46
47
48
49
50
51
52
26
25
24
23
22
21
20
19
18
17
16
15
14
DMO
MTIP
MRING
JaAGND
ExClk/12M
JaAVDD
TxClk
TPData
TNData
DGND
TTIP
TRING
DVDD
SCLK (TxClkINV)
SDI (RxON)
CS (RxClkINV)
REQEN
SR/DR
HOST/HW
E3
STS1/DS3
RLB
LLB
ICT
TEST
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com