Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 45 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 45 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 41Page - Exar Corporation XRT75VL00D Datasheet HTML 42Page - Exar Corporation XRT75VL00D Datasheet HTML 43Page - Exar Corporation XRT75VL00D Datasheet HTML 44Page - Exar Corporation XRT75VL00D Datasheet HTML 45Page - Exar Corporation XRT75VL00D Datasheet HTML 46Page - Exar Corporation XRT75VL00D Datasheet HTML 47Page - Exar Corporation XRT75VL00D Datasheet HTML 48Page - Exar Corporation XRT75VL00D Datasheet HTML 49Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
40
0x05
R/W
D0
REQEN
Setting this bit to “1” enables the Receive Equalizer .
NOTE: See section 2.01 for detailed description.
0
D1
RxMON
Writing a “1” to this bit configures the Receiver into
monitoring mode. In this mode, the Receiver can
monitor a signal at the RTIP/RRing pins that be atten-
uated up to 20dB flat loss.
0
D2
LOSMUT
Writing a “1” to this bit causes the RPOS/RNEG out-
puts to be grounded while the LOS condition is
declared.
NOTE: If this bit has ben set, it will remain set evan
after LOS condition is cleared.
0
D3
RxClkINV
Writing a “1” to this bit configures the Receiver to out-
put RPOS/RNEG data on the falling edge of RxClk.
0
D4
ALOSDIS
Writing a “1” to this bit disables the ALOS detector.
0
D5
DLOSDIS
Writing a “1” to this bit disables the DLOS detector.
0
0x06
R/W
D0
SR/DR
Writing a “1” to this bit configures the Receiver and
Transmitter into Single-Rail (NRZ) mode.
0
D1
STS-1/DS3
Writing a “1” to this bit configures the channel 0 into
STS-1 mode.
NOTE: This bit field is ignored if the chip is configured
to operate in E3 mode.
0
D2
E3
Writing a “1” to this bit configures the chip in E3
mode.
0
D3
LLB
Writing a “1” to this bit configures the chip in Local
Loopback mode.
0
D4
RLB
Writing a “1” to this bit configures the chip in Remote
Loopback mode.
0
D5
PRBSEN
Writing a “1” to this bit enables the PRBS generator/
detector.PRBS generator generate and detect either
215-1 (DS3 or STS-1) or 223-1 (for E3).
The pattern generated and detected are unframed
pattern.
0
TABLE 16: REGISTER MAP DESCRIPTION
ADDRESS
(HEX)
TYPE
BIT LOCATION
SYMBOL
DESCRIPTION
DEFAULT
VALUE(BIN)
RLB
0
0
Loopback Mode
Normal Operation
Analog Local
LLB
0
1
1
1
Remote
Digital
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com