Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 57Page - Exar Corporation XRT75VL00D Datasheet HTML 58Page - Exar Corporation XRT75VL00D Datasheet HTML 59Page - Exar Corporation XRT75VL00D Datasheet HTML 60Page - Exar Corporation XRT75VL00D Datasheet HTML 61Page - Exar Corporation XRT75VL00D Datasheet HTML 62Page - Exar Corporation XRT75VL00D Datasheet HTML 63Page - Exar Corporation XRT75VL00D Datasheet HTML 64Page - Exar Corporation XRT75VL00D Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
56
Figure 37 presents an alternative illustration of Telcordia GR-253-CORE’s recommendation on how to
asynchronously map DS3 data into an STS-1 SPE. In this case, the STS-1 SPE bit-format is expressed purely
in the form of "bit-types" and "numbers of bits within each of these types of bits". If one studies this figure
closely he/she will notice that this is the same "87 byte column x 9 row" structure that we have been talking
about when defining the STS-1 SPE. However, in this figure, the "user-data" field is now defined and is said to
consist of five (5) different types of bits. Each of these bit-types play a role when asynchronously mapping a
DS3 signal into an STS-1 SPE. Each of these types of bits are listed and described below.
Fixed Stuff Bits
Fixed Stuff bits are simply "space-filler" bits that simply occupy space within the STS-1 SPE. These bit-fields
have no functional role other than "space occupation". Telcordia GR-253-CORE does not define any particular
value that these bits should be set to. Each of the 9 rows, within the STS-1 SPE will contain 59 of these "fixed
stuff" bits.
DS3 Data Bits
The DS3 Data-Bits are (as its name implies) used to transport the DS3 data-bits within the STS-1 SPE. If the
STS-1 SPE is transporting a framed DS3 data-stream, then these DS3 Data bits will carry both the "DS3
payload data" and the "DS3 overhead bits". Each of the 9 rows, within the STS-1 SPE will contain 621 of these
"DS3 Data bits". This means that each STS-1 SPE contains 5,589 of these DS3 Data bit-fields.
Stuff Opportunity Bits
The "Stuff" Opportunity bits will function as either a "stuff" (or junk) bit, or it will carry a DS3 data-bit. The
decision as to whether to have a "Stuff Opportunity" bit transport a "DS3 data-bit" or a "stuff" bit depends upon
the "timing differences" between the DS3 data that is being mapped into the STS-1 SPE and the timing source
that is driving the STS-1 circuitry within the PTE.
As will be described later on, these "Stuff Opportunity" Bits play a very important role in "frequency-justifying"
the DS3 data that is being mapped into the STS-1 SPE. These "Stuff Opportunity" bits also play a critical role
in inducing Intrinsic Jitter and Wander within the DS3 signal (as it is de-mapped by the remote PTE).
Each of the 9 rows, within the STS-1 SPE consists of one (1) Stuff Opportunity bit. Hence, there are a total of
nine "Stuff Opportunity" bits within each STS-1 SPE.
Stuff Control/Indicator Bits
Each of the nine (9) rows within the STS-1 SPE contains five (5) Stuff Control/Indicator bits. The purpose of
these "Stuff Control/Indicator" bits is to indicate (to the de-mapping PTE) whether the "Stuff Opportunity" bits
(that resides in the same row) is a "Stuff" bit or is carrying a DS3 data bit.
If all five of these "Stuff Control/Indicator" bits, within a given row are set to "0", then this means that the
corresponding "Stuff Opportunity" bit (e.g., the "Stuff Opportunity" bit within the same row) is carrying a DS3
data bit.
Conversely, if all five of these "Stuff Control/Indicator" bits, within a given row are set to "1" then this means
that the corresponding "Stuff Opportunity" bit is carrying a "stuff" bit.
Overhead Communication Bits
Telcordia GR-253-CORE permits the user to use these two bits (for each row) as some sort of
"Communications" bit. Some Mapper devices, such as the XRT94L43 12-Channel DS3/E3/STS-1 to STS-12/
STM-1 Mapper and the XRT94L33 3-Channel DS3/E3/STS-1 to STS-3/STM-1 Mapper IC (both from Exar
Corporation) do permit the user to have access to these bit-fields.
However, in general, these particular bits can also be thought of as "Fixed Stuff" bits, that mostly have a "space
occupation" function.
9.2.2
DS3 Frequency Offsets and the Use of the "Stuff Opportunity" Bits
In order to fully convey the role that the "stuff-opportunity" bits play, when mapping DS3 data into SONET, we
will present a detailed discussion of each of the following "Mapping DS3 into STS-1" scenarios.
• The Ideal Case (e.g., with no frequency offsets)
• The 44.736Mbps + 1 ppm Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com