Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 30 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 30 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 26Page - Exar Corporation XRT75VL00D Datasheet HTML 27Page - Exar Corporation XRT75VL00D Datasheet HTML 28Page - Exar Corporation XRT75VL00D Datasheet HTML 29Page - Exar Corporation XRT75VL00D Datasheet HTML 30Page - Exar Corporation XRT75VL00D Datasheet HTML 31Page - Exar Corporation XRT75VL00D Datasheet HTML 32Page - Exar Corporation XRT75VL00D Datasheet HTML 33Page - Exar Corporation XRT75VL00D Datasheet HTML 34Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
25
An example of B3ZS encoding is shown in Figure 14. If the encoder detects an occurrence of three
consecutive zeros in the data stream, it is replaced with either B0V or 00V, where ‘B’ refers to Bipolar pulse
that is compliant with the Alternating polarity requirement of the AMI (Alternate Mark Inversion) line code and
‘V’ refers to a Bipolar Violation (e.g., a bipolar pulse that violates the AMI line code). The substitution of B0V or
00V is made so that an odd number of bipolar pulses exist between any two consecutive violation (V) pulses.
This avoids the introduction of DC component into the line signal.
4.2.2
HDB3 Encoding:
An example of the HDB3 encoding is shown in Figure 15.If the HDB3 encoder detects an occurrence of four
consecutive zeros in the data stream, then the four zeros are substituted with either 000V or B00V pattern. The
substitution code is made in such a way that an odd number of bipolar (B) pulses exist between any
consecutive V pulses. This avoids the introduction of DC component into the analog signal.
NOTES:
1.
When Dual-Rail data format is selected, the B3ZS/HDB3 Encoder is automatically disabled.
2.
In Dual-Rail format, the Bipolar Violations in the incoming data stream is converted to valid data pulses.
3.
Encoder and Decoder is enabled only in Single-Rail mode.
4.3
TRANSMIT PULSE SHAPER:
The Transmit Pulse Shaper converts the B3ZS encoded digital pulses into a single analog Alternate Mark
Inversion (AMI) pulse that meet the industry standard mask template requirements for STS-1 and DS3. See
Figure 8 and Figure 9.
FIGURE 14. B3ZS ENCODING FORMAT
FIGURE 15. HDB3 ENCODING FORMAT
00
0
1
1
1
1
1
1
1
V
B
V
1
0
00
00
0
0
0
0
0
0
0
00
0
V
BV
0
00
TClk
Line
Signal
TPDATA
0
0
00
0
1
1
1
1
1
1
1
V
B
V
1
0
00
00
0
0
0
0
0
0
0
0
00
V
0
0
00
TClk
Line
Signal
TPDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com