Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 69Page - Exar Corporation XRT75VL00D Datasheet HTML 70Page - Exar Corporation XRT75VL00D Datasheet HTML 71Page - Exar Corporation XRT75VL00D Datasheet HTML 72Page - Exar Corporation XRT75VL00D Datasheet HTML 73Page - Exar Corporation XRT75VL00D Datasheet HTML 74Page - Exar Corporation XRT75VL00D Datasheet HTML 75Page - Exar Corporation XRT75VL00D Datasheet HTML 76Page - Exar Corporation XRT75VL00D Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
68
viewed as a 12-Channel DS3/STS-1 to STS-12 Mapper IC. Continuing on with this line of thought, if a Mapper
IC is configured to receive an STS-N signal, and (from this STS-N signal) de-map and output N DS3 signals
(towards the DS3 facility), then it will typically do so in the following manner.
• In many cases, the Mapper IC will output this DS3 signal, using both a "Data-Signal" and a "Clock-Signal".
In many cases, the Mapper IC will output the contents of an entire STS-1 data-stream via the Data-Signal.
• However, as the Mapper IC output this STS-1 data-stream, it will typically supply clock pulses (via the Clock-
Signal output) coincident to whenever a DS3 bit is being output via the Data-Signal. In this case, the Mapper
IC will NOT supply a clock pulse coincident to when a TOH, POH, or any "non-DS3 data-bit" is being output
via the "Data-Signal".
Now, since the Mapper IC will output the entire STS-1 data stream (via the Data-Signal), the output Clock-
Signal will be of the form such that it has a period of 19.3ns (e.g., a 51.84MHz clock signal). However, the
Mapper IC will still generate approximately 44,736,000 clock pulses during any given one second period.
Hence, the clock signal that is output from the Mapper IC will be a horribly gapped 44.736MHz clock signal.
One can view such a clock signal as being a very-jittery 44.736MHz clock signal. This jitter that exists within
the "Clock-Signal" is referred to as "Clock-Gapping" Jitter. A more detailed discussion on how the user must
handle this type of jitter is presented in “Section 9.8.2, Recommendations on Pre-Processing the Gapped
Clocks (from the Mapper/ASIC Device) prior to routing this DS3 Clock and Data-Signals to the Transmit Inputs
of the LIU” on page 79.
9.5
A Review of the Category I Intrinsic Jitter Requirements (per Telcordia GR-253-CORE) for DS3
applications
The "Category I Intrinsic Jitter Requirements" per Telcordia GR-253-CORE (for DS3 applications) mandates
that the user perform a large series of tests against certain specified "Scenarios". These "Scenarios" and their
corresponding requirements is summarized in Table 18, below.
TABLE 18: SUMMARY OF "CATEGORY I INTRINSIC JITTER REQUIREMENT PER TELCORDIA GR-253-CORE, FOR DS3
APPLICATIONS
SCENARIO
DESCRIPTION
SCENARIO
NUMBER
TELCORDIA GR-253-CORE
CATEGORY I INTRINSIC
JITTER REQUIREMENTS
COMMENTS
DS3 De-Mapping
Jitter
0.4UI-pp
Includes effects of De-Mapping and Clock Gapping Jitter
Single Pointer
Adjustment
A1
0.3UI-pp + Ao
Includes effects of Jitter from Clock-Gapping, De-Map-
ping and Pointer Adjustments.NOTE: Ao is the amount
of intrinsic jitter that was measured during the "DS3 De-
Mapping Jitter" phase of the Test.
Pointer Bursts
A2
1.3UI-pp
Includes effects of Jitter from Clock-Gapping, De-Map-
ping and Pointer Adjustments.
Phase Transients
A3
1.2UI-pp
Includes effects of Jitter from Clock-Gapping, De-Map-
ping and Pointer Adjustments.
87-3 Pattern
A4
1.0UI-pp
Includes effects of Jitter from Clock-Gapping, De-Map-
ping and Pointer Adjustments.
87-3 Add
A5
1.3UI-pp
Includes effects of Jitter from Clock-Gapping, De-Map-
ping and Pointer Adjustments.
87-3 Cancel
A5
1.3UI-pp
Includes effects of Jitter from Clock-Gapping, De-Map-
ping and Pointer Adjustments.
Continuous Pattern
A4
1.0UI-pp
Includes effects of Jitter from Clock-Gapping, De-Map-
ping and Pointer Adjustments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com