Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 14 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 14 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 10Page - Exar Corporation XRT75VL00D Datasheet HTML 11Page - Exar Corporation XRT75VL00D Datasheet HTML 12Page - Exar Corporation XRT75VL00D Datasheet HTML 13Page - Exar Corporation XRT75VL00D Datasheet HTML 14Page - Exar Corporation XRT75VL00D Datasheet HTML 15Page - Exar Corporation XRT75VL00D Datasheet HTML 16Page - Exar Corporation XRT75VL00D Datasheet HTML 17Page - Exar Corporation XRT75VL00D Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
9
OPERATING MODE SELECT
PIN #SIGNAL NAME
TYPE
DESCRIPTION
21
HOST/(HW)I
HOST/Hardware Mode Select:
Tie this pin “High” to configure the XRT75VL00D in HOST mode. Tie this “Low”
to configure in Hardware mode.
When the XRT75VL00D is configured in HOST mode, the states of many dis-
crete input pins are ignored.
NOTE: This pin is internally pulled up.
20
E3
I
E3 Mode Select Input
A "High" on this pin configures to operate in the E3 mode.
A "Low" on this pin configures to operate in either STS-1 or DS3 mode depend-
ing on the setting on pin 19.
NOTES:
1.
This pin is internally pulled down
2.
This pin is ignored and may be tied to GND if the XRT75VL00D is
configured to operate in HOST mode.
19
STS-1/DS3
I
STS-1/DS3 Select Input
A “High” on this pin configures to operate in STS-1 mode.
A “Low” on this pin configures to operate in DS3 mode.
This pin is ignored if the E3 pin is set to “High”.
NOTES:
1.
This pin is internally pulled down
2.
This pin is ignored and may be tied to GND if the XRT75VL00D is
configured to operate in HOST mode.
22
SR/DR
I
Single-Rail/Dual-Rail Select:
Setting this “High” configures both the Transmitter and Receiver to operate in
Single-rail mode and also enables the B3ZS/HDB3 Encoder and Decoder. In
Single-rail mode, Transmit input at TNData should be grounded.
Setting this “Low” configures both the Transmitter and Receiver to operate in
Dual-rail mode and disables the B3ZS/HDB3 Encoder and Decoder.
NOTE: This pin is internally pulled down.
CONTROL AND ALARM INTERFACE
42
MRING
I
Monitor Ring Input
The bipolar line output signal from TRING is connected to this pin via a 270
Ω
resistor to check for line driver failure.
NOTE: This pin is internally pulled down.
41
MTIP
I
Monitor Tip Input
The bipolar line output signal from TTIP is connected to this pin via a 270-ohm
resistor to check for line driver failure.
NOTE: This pin is internally pulled down.
40
DMO
O
Drive Monitor Output
If MTIP and MRING has no transition pulse for 128 ± 32 TxClk cycles, DMO
goes “High” to indictae the driver failure. DMO output stays “High” until the next
AMI signal is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com