Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 2Page - Exar Corporation XRT75VL00D Datasheet HTML 3Page - Exar Corporation XRT75VL00D Datasheet HTML 4Page - Exar Corporation XRT75VL00D Datasheet HTML 5Page - Exar Corporation XRT75VL00D Datasheet HTML 6Page - Exar Corporation XRT75VL00D Datasheet HTML 7Page - Exar Corporation XRT75VL00D Datasheet HTML 8Page - Exar Corporation XRT75VL00D Datasheet HTML 9Page - Exar Corporation XRT75VL00D Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
3
9.2.1 HOW DS3 DATA IS MAPPED INTO SONET ...................................................................................... 49
A Brief Description of an STS-1 Frame 49
Figure 31. A Simple Illustration of the SONET STS-1 Frame ......................................................................... 50
Figure 32. A Simple Illustration of the STS-1 Frame Structure with the TOH and the Envelope Capacity Bytes
Designated .................................................................................................................................... 51
Figure 33. The Byte-Format of the TOH within an STS-1 Frame .................................................................... 52
Figure 34. The Byte-Format of the TOH within an STS-1 Frame .................................................................... 53
Mapping DS3 data into an STS-1 SPE 54
Figure 35. Illustration of the Byte Structure of the STS-1 SPE ....................................................................... 54
Figure 36. An Illustration of Telcordia GR-253-CORE’s Recommendation on how map DS3 data into an STS-1
SPE ............................................................................................................................................... 55
Figure 37. A Simplified "Bit-Oriented" Version of Telcordia GR-253-CORE’s Recommendation on how to map
DS3 data into an STS-1 SPE ........................................................................................................ 55
9.2.2 DS3 Frequency Offsets and the Use of the "Stuff Opportunity" Bits ............................................ 56
The Ideal Case for Mapping DS3 data into an STS-1 Signal (e.g., with no Frequency Offsets) 57
Figure 38. A Simple Illustration of a DS3 Data-Stream being Mapped into an STS-1 SPE, via a PTE .......... 57
The 44.736Mbps + 1ppm Case 58
Figure 39. An Illustration of the STS-1 SPE traffic that will be generated by the "Source" PTE, when mapping in
a DS3 signal that has a bit rate of 44.736Mbps + 1ppm, into an STS-1 signal ............................ 58
The 44.736Mbps - 1ppm Case 59
9.3 JITTER/WANDER DUE TO POINTER ADJUSTMENTS ............................................................................................ 60
9.3.1 The Concept of an STS-1 SPE Pointer ............................................................................................. 60
Figure 40. An Illustration of the STS-1 SPE traffic that will be generated by the Source PTE, when mapping a
DS3 signal that has a bit rate of 44.736Mbps - 1ppm, into an STS-1 signal ................................ 60
Figure 41. An Illustration of an STS-1 SPE straddling across two consecutive STS-1 frames ....................... 61
9.3.2 Pointer Adjustments within the SONET Network ............................................................................ 62
Figure 42. The Bit-format of the 16-Bit Word (consisting of the H1 and H2 bytes) with the 10 bits, reflecting the
location of the J1 byte, designated ............................................................................................... 62
Figure 43. The Relationship between the Contents of the "Pointer Bits" (e.g., the 10-bit expression within the H1
and H2 bytes) and the Location of the J1 Byte within the Envelope Capacity of an STS-1 Frame ...
62
9.3.3 Causes of Pointer Adjustments ........................................................................................................ 63
Figure 44. An Illustration of an STS-1 signal being processed via a Slip Buffer ............................................. 64
Figure 45. An Illustration of the Bit Format within the 16-bit word (consisting of the H1 and H2 bytes) with the "I"
bits designated .............................................................................................................................. 65
Figure 46. An Illustration of the Bit-Format within the 16-bit word (consisting of the H1 and H2 bytes) with the
"D" bits designated ........................................................................................................................ 66
9.3.4 Why are we talking about Pointer Adjustments? ............................................................................ 67
9.4 CLOCK GAPPING JITTER ................................................................................................................................... 67
Figure 47. Illustration of the Typical Applications for the LIU in a SONET De-Sync Application .................... 67
9.5 A REVIEW OF THE CATEGORY I INTRINSIC JITTER REQUIREMENTS (PER TELCORDIA GR-253-CORE) FOR DS3 AP-
PLICATIONS
.......................................................................................................................................................................... 68
TABLE 18: SUMMARY OF "CATEGORY I INTRINSIC JITTER REQUIREMENT PER TELCORDIA GR-253-CORE, FOR DS3
APPLICATIONS
..................................................................................................................................... 68
9.5.1 DS3 De-Mapping Jitter ....................................................................................................................... 69
9.5.2 Single Pointer Adjustment ................................................................................................................ 69
9.5.3 Pointer Burst ...................................................................................................................................... 69
Figure 48. Illustration of Single Pointer Adjustment Scenario ......................................................................... 69
9.5.4 Phase Transients ............................................................................................................................... 70
Figure 49. Illustration of Burst of Pointer Adjustment Scenario ....................................................................... 70
Figure 50. Illustration of "Phase-Transient" Pointer Adjustment Scenario ...................................................... 70
9.5.5 87-3 Pattern ......................................................................................................................................... 71
9.5.6 87-3 Add .............................................................................................................................................. 71
Figure 51. An Illustration of the 87-3 Continuous Pointer Adjustment Pattern ................................................ 71
9.5.7 87-3 Cancel ......................................................................................................................................... 72
Figure 52. Illustration of the 87-3 Add Pointer Adjustment Pattern ................................................................. 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com