Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 89 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 89 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 84Page - Exar Corporation XRT75VL00D Datasheet HTML 85Page - Exar Corporation XRT75VL00D Datasheet HTML 86Page - Exar Corporation XRT75VL00D Datasheet HTML 87Page - Exar Corporation XRT75VL00D Datasheet HTML 88Page - Exar Corporation XRT75VL00D Datasheet HTML 89Page - Exar Corporation XRT75VL00D Datasheet HTML 90Page - Exar Corporation XRT75VL00D Datasheet HTML 91Page - Exar Corporation XRT75VL00D Datasheet HTML 92Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
84
that are responsible for acquiring and maintaining DS1 or DS3 frame synchronization (with these DS1 or DS3
data-streams that have been de-mapped from SONET) must have re-acquired DS1 or DS3 frame
synchronization within 50ms" after APS has been initiated."
The LIU was designed such that the DS3 signals that it receives from a SONET Mapper device and processes
will comply with the Category I Intrinsic Jitter requirements per Telcordia GR-253-CORE.
Reference 1 documents some APS Recovery Time testing, which was performed to verify that the Jitter
Attenuator blocks (within the LIU) device that permit it to comply with the Category I Intrinsic Jitter
Requirements (for DS3 Applications) per Telcordia GR-253-CORE, do not cause it to fail to comply with the
"APS Completion Time" requirements per Section 5.3.3.3 of Telcordia GR-253-CORE.
However, Table 3
presents a summary of some APS Recovery Time requirements that were documented within this test report.
Table 3,
NOTE: The APS Completion (or Recovery) time requirement is 50ms.
Configuring the LIU to be able to comply with the SONET APS Recovery Time Requirements of 50ms
Quite simply, the user can configure a given Jitter Attenuator block (associated with a given channel) to (1)
comply with the "APS Completion Time" requirements per Telcordia GR-253-CORE, and (2) also comply with
the "Category I Intrinsic Jitter Requirements per Telcordia GR-253-CORE (for DS3 applications) by making
sure that Bit 4 (SONET APS Recovery Time Disable Ch_n), within the Jitter Attenuator Control Register is set
to "0" as depicted below.
TABLE 20: MEASURED APS RECOVERY TIME AS A FUNCTION OF DS3 PPM OFFSET
DS3 PPM OFFSET (PER W&G ANT-20SE)
MEASURED APS RECOVERY TIME (PER LOGIC ANALYZER)
-99 ppm
1.25ms
-40ppm
1.54ms
-30 ppm
1.34ms
-20 ppm
1.49ms
-10 ppm
1.30ms
0 ppm
1.89ms
+10 ppm
1.21ms
+20 ppm
1.64ms
+30 ppm
1.32ms
+40 ppm
1.25ms
+99 ppm
1.35ms
JITTER ATTENUATOR CONTROL REGISTER - CHANNEL 0 ADDRESS LOCATION = 0X07
CHANNEL 1 ADDRESS LOCATION = 0X0F
CHANNEL 2 ADDRESS LOCATION = 0X17
BIT 7BIT 6BIT 5
BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
SONET APS
Recovery
Time Disable
Ch_n
JA RESET
Ch_n
JA1 Ch_n
JA in Tx Path
Ch_n
JA0 Ch_n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com