Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 34Page - Exar Corporation XRT75VL00D Datasheet HTML 35Page - Exar Corporation XRT75VL00D Datasheet HTML 36Page - Exar Corporation XRT75VL00D Datasheet HTML 37Page - Exar Corporation XRT75VL00D Datasheet HTML 38Page - Exar Corporation XRT75VL00D Datasheet HTML 39Page - Exar Corporation XRT75VL00D Datasheet HTML 40Page - Exar Corporation XRT75VL00D Datasheet HTML 41Page - Exar Corporation XRT75VL00D Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
33
6.1.2
E3 Jitter Tolerance Requirements:
ITU-T G.823 standard specifies that the clock and data recovery unit must be able to accommodate and
tolerate jitter up to certain specified limits. Figure 23 shows the tolerance curve and the actual measured data
for the device.
The Figure 11 below shows the jitter amplitude versus the modulation frequency for various standards.
FIGURE 22. INPUT JITTER TOLERANCE FOR DS3/STS-1
FIGURE 23. INPUT JITTER TOLERANCE FOR E3
0.01
0.03
15
1.5
0.3
2
20
0.15
JITTER FREQUENCY (kHz)
10
5
0.3
100
0.1
GR-253
STS-1
GR-499
Cat II
GR-499
Cat I
64
41
XRT75VL00D
0.1
1.5
1
10
JITTER FREQUENCY (kHz)
800
ITU-T G.823
64
10
0.3
XRT75VL00D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com