Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 25Page - Exar Corporation XRT75VL00D Datasheet HTML 26Page - Exar Corporation XRT75VL00D Datasheet HTML 27Page - Exar Corporation XRT75VL00D Datasheet HTML 28Page - Exar Corporation XRT75VL00D Datasheet HTML 29Page - Exar Corporation XRT75VL00D Datasheet HTML 30Page - Exar Corporation XRT75VL00D Datasheet HTML 31Page - Exar Corporation XRT75VL00D Datasheet HTML 32Page - Exar Corporation XRT75VL00D Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
XRT75VL00D
REV. 1.0.3
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
24
4.0
THE TRANSMITTER SECTION:
The Transmitter Section accepts TTL/CMOS level signals from the Terminal Equipment in the selectable data
formats.
• In Single-Rail or un-encoded Non-Return-to-Zero (NRZ) input data via TPData pin while the TNData pin
must be grounded. The NRZ or Single-Rail mode is selected when the SR/DR input pin is “High” (in
Hardware Mode) or bit 0 of the control register is “1” (in Host Mode). Figure 12 illustrates the Single-Rail or
NRZ format.
• In Dual-Rail mode, data is input via TPData and TNData pins. TPData contains positive data and TNData
contains negative data. The SR/DR input pin = “Low” (in Hardware Mode) or bit 0 of the control register = “0”
(in Host Mode) enables the Dual-Rail mode. Figure 13 illustrates the Dual-Rail data format.
• Convert the CMOS level B3ZS or HDB3 encoded data into pulses with shapes that are compliant with the
various industry standard pulse template requirements. Figure 7, Figure 8 and Figure 9 illustrate the pulse
template requirements.
• Encode the un-encoded NRZ data into either B3ZS format (for DS3 or STS-1) or HDB3 format (for E3) and
convert to pulses with shapes and width that are compliant with industry standard pulse template
requirements. Figure 7,Figure 8 and Figure 9 illustrate the pulse template requirements.
4.1
TRANSMIT CLOCK:
The Transmit Clock applied via TxClk pin, for the selected data rate (for E3 = 34.368 MHz, DS3 = 44.736 MHz
or STS-1 = 51.84 MHz), is duty cycle corrected by the internal PLL circuit to provide a 50% duty cycle clock to
the pulse shaping circuit. This allows a 30% to 70% duty cycle Transmit Clock be supplied and thus eliminates
the need to use an expensive oscillator.
4.2
B3ZS/HDB3 ENCODER:
When the Single-Rail (NRZ) data format is selected, the Encoder Block encodes the data into either B3ZS
format (for either DS3 or STS-1) or HDB3 format (for E3).
4.2.1
B3ZS Encoding:
FIGURE 12. SINGLE-RAIL OR NRZ DATA FORMAT (ENCODER AND DECODER ARE ENABLED)
FIGURE 13. DUAL-RAIL DATA FORMAT (ENCODER AND DECODER ARE DISABLED)
TxClk
TPData
Data
1
1
0
TxClk
TPData
TNData
Data
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com