Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 16 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 16 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 12Page - Exar Corporation XRT75VL00D Datasheet HTML 13Page - Exar Corporation XRT75VL00D Datasheet HTML 14Page - Exar Corporation XRT75VL00D Datasheet HTML 15Page - Exar Corporation XRT75VL00D Datasheet HTML 16Page - Exar Corporation XRT75VL00D Datasheet HTML 17Page - Exar Corporation XRT75VL00D Datasheet HTML 18Page - Exar Corporation XRT75VL00D Datasheet HTML 19Page - Exar Corporation XRT75VL00D Datasheet HTML 20Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
11
17
LLB
I
Local Loop-back
This input pin along with RLB configures different Loop-Back modes.
NOTE:
This input pin is ignored and may be connected to GND if the
XRT75VL00D is operating in the HOST Mode.
18
RLB
I
Remote Loop-back
This input pin along with LLB configures different Loop-Back modes.
NOTE:
This input pin is ignored and should be connected to GND if the
XRT75VL00D is operating in the HOST Mode.
MICROPROCESSOR SERIAL INTERFACE - (HOST MODE)
PIN #SIGNAL NAME
TYPE
DESCRIPTION
24
CS/RxClkINV
I
Microprocessor Serial Interface - Chip Select
Tie this “Low” to enable the communication with Serial Microprocessor Inter-
face.
NOTE: If the XRT75VL00D is configured in Hardware Mode,this pin functions as
RxClkINV.
26
SCLK/TxClkINV
I
Serial Interface Clock Input
The data on the SDI pin is sampled on the rising edge of this signal. Addition-
ally, during Read operations the Microprocessor Serial Interface updates the
SDO output on the falling edge of this signal.
NOTE: If the XRT75VL00D is configured in Hardware Mode, this pin functions
as TxClkINV.
25
SDI/RxON
I
Serial Data Input:
Data is serially input through this pin.
The input data is sampled on the rising edge of the SCLK pin (pin 26).
NOTES:
1.
This pin is internally pulled down
2.
If the XRT75VL00D is configured in Hardware Mode, this pin functions
as RxON.
27
SDO/RxMON
O
Serial Data Output:
This pin serially outputs the contents of the specified Command Register during
Read Operations. The data is updated on the falling edge of the SCLK and this
pin is tri-stated upon completion of data transfer.
NOTE:
If the XRT75VL00D is configured in Hardware Mode, this pin functions
as RxMON.
CONTROL AND ALARM INTERFACE
RLB
0
0
Loopback Mode
Normal Operation
Analog Local
LLB
0
1
1
1
Remote
Digital
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com