Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75VL00D Datasheet(PDF) 80 Page - Exar Corporation

Part # XRT75VL00D
Description  E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75VL00D Datasheet(HTML) 80 Page - Exar Corporation

Back Button XRT75VL00D Datasheet HTML 76Page - Exar Corporation XRT75VL00D Datasheet HTML 77Page - Exar Corporation XRT75VL00D Datasheet HTML 78Page - Exar Corporation XRT75VL00D Datasheet HTML 79Page - Exar Corporation XRT75VL00D Datasheet HTML 80Page - Exar Corporation XRT75VL00D Datasheet HTML 81Page - Exar Corporation XRT75VL00D Datasheet HTML 82Page - Exar Corporation XRT75VL00D Datasheet HTML 83Page - Exar Corporation XRT75VL00D Datasheet HTML 84Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
XRT75VL00D
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
REV. 1.0.3
75
Telcordia GR-253-CORE defines a "Continuous Cancel" Pointer Adjustment, as the "Continuous" Pointer
Adjustment pattern, with an additional pointer adjustment cancelled (or not executed), as shown above in
Figure 56.
Telcordia GR-253-CORE mandates that the Intrinsic Jitter, within the DS3 signal that is de-mapped from a
SONET signal, which is experiencing the "Continuous Cancel" pattern of Pointer Adjustments, must not
exceed 1.3UI-pp.
9.6
A Review of the DS3 Wander Requirements per ANSI T1.105.03b-1997.
To be provided in the next revision of this data sheet.
9.7
A Review of the Intrinsic Jitter and Wander Capabilities of the LIU in a typical system
application
The Intrinsic Jitter and Wander Test results are summarized in this section.
9.7.1
Intrinsic Jitter Test results
The Intrinsic Jitter Test results for the LIU in DS3 being de-mapped from SONET is summarized below in Table
2.
NOTES:
1.
A detailed test report on our Test Procedures and Test Results is available and can be obtained by contacting your
Exar Sales Representative.
2.
These test results were obtained via the LIUs mounted on our XRT94L43 12-Channel DS3/E3/STS-1 Mapper
Evaluation Board.
3.
These same results apply to SDH/AU-3 Mapping applications.
TABLE 19: SUMMARY OF "CATEGORY I INTRINSIC JITTER TEST RESULTS" FOR SONET/DS3 APPLICATIONS
SCENARIO
DESCRIPTION
SCENARIO
NUMBER
LIU
INTRINSIC JITTER TEST RESULTS
TELCORDIA GR-253-CORE CATEGORY I
INTRINSIC JITTER REQUIREMENTS
DS3 De-Mapping
Jitter
0.13UI-pp
0.4UI-pp
Single Pointer
Adjustment
A1
0.201UI-pp
0.43UI-pp (e.g. 0.13UI-pp + 0.3UI-pp)
Pointer Bursts
A2
0.582UI-pp
1.3UI-pp
Phase Transients
A3
0.526UI-pp
1.2UI-pp
87-3 Pattern
A4
0.790UI-pp
1.0UI-pp
87-3 Add
A5
0.926UI-pp
1.3UI-pp
87-3 Cancel
A5
0.885UI-pp
1.3UI-pp
Continuous
Pattern
A4
0.497UI-pp
1.0UI-pp
Continuous Add
A5
0.598UI-pp
1.3UI-pp
Continuous
Cancel
A5
0.589UI-pp
1.3UI-pp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com